Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST7263BHX Datasheet(PDF) 184 Page - STMicroelectronics

Part # ST7263BHX
Description  Low speed USB 8-bit MCU family with up to 32 KB Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI and I²C
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7263BHX Datasheet(HTML) 184 Page - STMicroelectronics

Back Button ST7263BHX_09 Datasheet HTML 178Page - STMicroelectronics ST7263BHX_09 Datasheet HTML 179Page - STMicroelectronics ST7263BHX_09 Datasheet HTML 180Page - STMicroelectronics ST7263BHX_09 Datasheet HTML 181Page - STMicroelectronics ST7263BHX_09 Datasheet HTML 182Page - STMicroelectronics ST7263BHX_09 Datasheet HTML 183Page - STMicroelectronics ST7263BHX_09 Datasheet HTML 184Page - STMicroelectronics ST7263BHX_09 Datasheet HTML 185Page - STMicroelectronics ST7263BHX_09 Datasheet HTML 186Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 184 / 186 page
background image
Revision history
ST7263Bxx
184/186
Doc ID 7516 Rev 8
17
Revision history
Table 89.
Document revision history
Date
Revision
Changes
27-May-05
3
New revision created by merging 32K Flash and non-32K Flash
datasheets together. Memory Map, Figure 7, expanded to handle all
devices and memory sizes. Operating conditions with LVD values
modified, Section 13.3.1: Operating conditions with low voltage
detector (LVD).
Supply current characteristics values and notes updated,
Section 13.4: Supply current characteristics. IDD Run and Wait
graphs replaced, Figure 55 and Figure 56 on page 143. Control
timing characteristics modified, Section Table 62.: Control timing
characteristics. Flash memory table notes and tPROG typical value
updated, Section 13.6.1: Flash memory. Notes added for I/O Port
Pin Characteristics table, Section Table 70.: General characteristics.
Note for RPU modified, removing reference to data characterization,
Section Table 70. IPU and RPU graphs added, Figure 61 and
Figure 62 on page 150. Notes updated for USB low speed electrical
characteristics. Output voltage/current graphs added, Figures Figure
63.-Figure 72.Thermal Characteristics added for SO24 and TQFP48
packages, Section 14.2: Thermal characteristics. Important note
added for OPT 3 Option Byte (LVD), Section 15.1: Option byte.
Supported Part Numbers table updated with full sales type codes,
Table 86. Option List updated with all device options.
Important notes updated with ‘USB behavior with LVD disabled’,
Section 16.3: USB behavior with LVD disabled. Clock block diagram
redrawn, Figure 18 on page 36. DFU added to title and features list.
Removed unnecessary notes related to Typical Values (already
mentioned in Section 13.1.2: Typical values) in electrical
characteristic tables sections: Section 13.3.1, Section 13.4,
Section 13.6.1, Section Table 70., Section Table 72. and
Section 13.11. Added note for max values in ADC Accuracy,
Section 13.11. Static Latch Up (LU) class tested only for TA=25°C,
Section : Static latchup (LU)
19-Sep-05
4
Flash memory minimum data retention increased to 40 years,
Section 13.6.1: Flash memory
AF bit text modified concerning SCL, I2C chapter Section 11.5.7:
Register description
Reference made to the Flash Programming Reference Manual for
Flash timing values
Reset pulse generated by WDG changed to 30 µs, Section 11.1:
Watchdog timer (WDG)
Modified text in Section 11.3: Serial communications interface (SCI),
adding Parity error as an interrupt
Added ECOPACK information in Section 14: Package characteristics
Modified IS value and corresponding note in Section Table 70.:
General characteristics
06-Apr-06
5
32K and 8K QFN40 Packages added
4K SO24 Package added
TQFP package renamed to LQFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com