Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST7263BHX Datasheet(PDF) 185 Page - STMicroelectronics

Part # ST7263BHX
Description  Low speed USB 8-bit MCU family with up to 32 KB Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI and I²C
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7263BHX Datasheet(HTML) 185 Page - STMicroelectronics

Back Button ST7263BHX_09 Datasheet HTML 178Page - STMicroelectronics ST7263BHX_09 Datasheet HTML 179Page - STMicroelectronics ST7263BHX_09 Datasheet HTML 180Page - STMicroelectronics ST7263BHX_09 Datasheet HTML 181Page - STMicroelectronics ST7263BHX_09 Datasheet HTML 182Page - STMicroelectronics ST7263BHX_09 Datasheet HTML 183Page - STMicroelectronics ST7263BHX_09 Datasheet HTML 184Page - STMicroelectronics ST7263BHX_09 Datasheet HTML 185Page - STMicroelectronics ST7263BHX_09 Datasheet HTML 186Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 185 / 186 page
background image
ST7263Bxx
Revision history
Doc ID 7516 Rev 8
185/186
03-Oct-06
6
Important Notes section renamed to Known Limitations, Section 16:
Known limitations
New PA2 limitation added, Section 16: Known limitations
Figure 85 on page 183 added for silicon revision identification
20-Aug-07
7
New 16K LQFP48 package added to product family.
Note added to VOH data in Section Table 71.: Output driving current
List of supported partnumber availability updated, Table 86
Download address updated in Section 15.3.4: Order codes for
ST7263Bx development tools and Option list.
12-Jun-2009
8
Removed FASTROM devices as well as 32 and 16 Kbyte ROM
devices.
Added caution note in Section 6.1: Reset.
Replaced CCR by CC (Condition Code) register when the I bit is
concerned.
Updated alternate function condition for PB4 to PB7 in Table 13: Port
B description.
Renamed tDOG and TDOGL, tWDG and tWDGL.
Removed EMC protective circuitry in Figure 74: RESET pin
protection when LVD is disabled (device works correctly without
these components).
Removed all mentions to SPI interface.
Removed dynamic latchup in Section 13.7.3: Absolute maximum
ratings (electrical sensitivity).
Modified notes below Table 85: Thermal characteristics.
Update Table 86: Supported order codes and Figure 84: Option list.
Updated ECOPACK text, and removed recommended wave
soldering profile and recommended reflow soldering oven profile, in
Section 14: Package characteristics.
Table 89.
Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com