Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST7263BDx Datasheet(PDF) 65 Page - STMicroelectronics

Part # ST7263BDx
Description  Low speed USB 8-bit MCU family with up to 32 KB Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI and I²C
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7263BDx Datasheet(HTML) 65 Page - STMicroelectronics

Back Button ST7263BDx Datasheet HTML 61Page - STMicroelectronics ST7263BDx Datasheet HTML 62Page - STMicroelectronics ST7263BDx Datasheet HTML 63Page - STMicroelectronics ST7263BDx Datasheet HTML 64Page - STMicroelectronics ST7263BDx Datasheet HTML 65Page - STMicroelectronics ST7263BDx Datasheet HTML 66Page - STMicroelectronics ST7263BDx Datasheet HTML 67Page - STMicroelectronics ST7263BDx Datasheet HTML 68Page - STMicroelectronics ST7263BDx Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 186 page
background image
ST7263Bxx
On-chip peripherals
Doc ID 7516 Rev 8
65/186
Output Compare
In this section, the index, i, may be 1 or 2 because there are two output compare functions in
the 16-bit timer.
This function can be used to control an output waveform or indicate when a period of time
has elapsed.
When a match is found between the output Compare register and the free running counter,
the output compare function:
Assigns pins with a programmable value if the OCiE bit is set
Sets a flag in the status register
Generates an interrupt if enabled
Two 16-bit registers output Compare register 1 (OC1R) and output Compare register 2
(OC2R) contain the value to be compared to the counter register each timer clock cycle.
These registers are readable and writable and are not affected by the timer hardware. A
reset event changes the OCiR value to 8000h.
Timing resolution is one count of the free running counter: (fCPU/CC[1:0]).
Procedure
To use the output compare function, select the following in the CR2 register:
1.
Set the OCiE bit if an output is needed then the OCMPi pin is dedicated to the output
compare i signal.
2.
Select the timer clock (CC[1:0]) (see Table 24).
3.
Select the following in the CR1 register:
a)
Select the OLVLi bit to applied to the OCMPi pins after the match occurs.
b)
Set the OCIE bit to generate an interrupt if it is needed.
When a match is found between OCiR register and CR register:
OCFi bit is set.
The OCMPi pin takes OLVLi bit value (OCMPi pin latch is forced low during reset).
A timer interrupt is generated if the OCIE bit is set in the CR1 register and the I bit is
cleared in the CC register (CC).
The OCiR register value required for a specific timing application can be calculated using
the following formula:
Where:
Δt = Output compare period (in seconds)
fCPU = CPU clock frequency (in hertz)
Table 20.
OC/R register
MS Byte
LS Byte
OCiROCiHR
OCiLR
Δ OCiR = Δt * fCPU
PRESC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com