Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8L151XX Datasheet(PDF) 83 Page - STMicroelectronics

Part # STM8L151XX
Description  8-bit ultralow power MCU, up to 32 KB Flash, 1 KB Data EEPROM RTC, LCD, timers, USART, I2C, SPI, ADC, DAC, comparators
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L151XX Datasheet(HTML) 83 Page - STMicroelectronics

Back Button STM8L151XX Datasheet HTML 79Page - STMicroelectronics STM8L151XX Datasheet HTML 80Page - STMicroelectronics STM8L151XX Datasheet HTML 81Page - STMicroelectronics STM8L151XX Datasheet HTML 82Page - STMicroelectronics STM8L151XX Datasheet HTML 83Page - STMicroelectronics STM8L151XX Datasheet HTML 84Page - STMicroelectronics STM8L151XX Datasheet HTML 85Page - STMicroelectronics STM8L151XX Datasheet HTML 86Page - STMicroelectronics STM8L151XX Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 101 page
background image
STM8L151xx, STM8L152xx
Electrical parameters
Doc ID 15962 Rev 2
83/101
8.3.11
Comparator characteristics
TSTART
Temperature sensor startup time (2)
10
µs
TS_TEMP
ADC sampling time when reading the
temperature sensor
510
µs
1.
Based on characterization results, unless otherwise specified.
2.
Defined for ADC output reaches its final value ±1/2LSB.
Table 41.
TS characteristics(1) (continued)
Symbol
Parameter
Min
Typ
Max.
Unit
Table 42.
Comparator 1 characteristics
Symbol
Parameter
Min (1)
1.
Data guaranteed by design, not tested in production.
Typ
Max(1)
Unit
VDDA
Analog supply voltage
1.65
3.6
V
TA
Temperature range
-40
125
°C
R400
R400 value
TBD
400
TBD
k
Ω
Err400
Error on R400
TBD
%
R10
R10 value
TBD
10
TBD
k
Ω
Err10
Error on R10
TBD
%
VIN
Comparator input voltage range
0
VDDA
V
VREFINT
Internal reference reference voltage
TBD
1.225
TBD
tSTART
Startup time after enable
7
TBD
µs
td
Propagation delay(2)
2.
The delay is characterized for 100 mV input step with 10 mV overdrive on the inverting input, the non-
inverting input set to the reference.
3TBD
µs
Voffset
Comparator offset error
TBD
3
TBD
mV
ICMP1
Consumption(3)
3.
Comparator consumption only. Internal reference voltage not included.
160
TBD
nA
Table 43.
Comparator 2 characteristics
Symbol
Parameter
Conditions
Min (1)
Typ
Max(1)
Unit
VDDA
Analog supply voltage
1.65
3.6
V
TA
Temperature range
-40
125
°C
VIN
Comparator input voltage range
0
VDDA
V
tSTART
Startup time after enable
in fast mode
1.65 V to 2.7 V
TBD
µs
2.7 V to 3.6 V
TBD
Startup time after enable
in slow mode
1.65 V to 2.7 V
TBD
µs
2.7 V to 3.6 V
TBD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com