Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SW-394SMB Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # SW-394SMB
Description  GaAs SPDT High Isolation Terminated Switch 0.5 - 2.0 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

SW-394SMB Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  SW-394SMB Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. SW-394SMB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. SW-394SMB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
GaAs SPDT High Isolation Terminated Switch
0.5 - 2.0 GHz
Rev. V5
SW-394
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Terminated RF Output
• High Isolation: 35 dB up to 2 GHz
• Positive Control
• Nanosecond Switching Speed
• CMOS Compatible Logic
• SOIC-8 Plastic Package
Description
M/A-COM’s SW-394 is a GaAs monolithic SPDT
terminated switch in a low cost SOIC 8-lead plastic
package.
The SW-394 is ideally suited for use
where low power consumption and high isolation are
required.
Typical
applications
include
transmit/receive
switching, switch matrices and switched filter banks
in systems such as radio and cellular equipment.
The SW-394 is fabricated using a mature 1-micron
gate length GaAs MESFET process. The process
features
full
chip
passivation
for
increased
performance and reliability.
Ordering Information
1
Part Number
Package
SW-394-PIN
Bulk Packaging
SW-394TR
1000 piece reel
SW-394SMB
Sample Board
1. Reference Application Note M513 for reel size information.
Functional Schematic
Truth Table
5,6,7
Control
Input A
Control
Input B
RFC-RF2
RFC-RF1
0
1
Off
On
1
0
On
Off
5. 0 = 0 ± 0.2 VDC
6. 1 = +5 ± 0.2 VDC,
7. Vs = +5 ± 0.2 VDC, 25 µA Max. Current Total
Absolute Maximum Ratings
2,3
Parameter
Absolute Maximum
Input Power
+34 dBm
Operating Voltage (VS, VA, VB)
+8.5 Volts
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
2. Exceeding any one or combination of these limits may cause
permanent damage to this device.
3. M/A-COM does not recommend sustained operation near
these survivability limits.
Pin Configuration
4
Pin No.
Function
Pin No.
Function
1
B
5
RF1
2
GND
6
GND
3
RFC
7
GND
4
A
8
RF2
4. Blocking capacitors are required on all RF ports. VS can be
applied at any RF port using 10K or greater pull-up resistor.


Similar Part No. - SW-394SMB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-394 MACOM-SW-394 Datasheet
36Kb / 2P
GaAs SPDT High Isolation Terminated Switch
logo
M/A-COM Technology Solu...
SW-394 MA-COM-SW-394 Datasheet
87Kb / 4P
Drivers for GaAs FET Switches and Digital Attenuators
logo
Tyco Electronics
SW-394PIN MACOM-SW-394PIN Datasheet
36Kb / 2P
GaAs SPDT High Isolation Terminated Switch
SW-394TR MACOM-SW-394TR Datasheet
36Kb / 2P
GaAs SPDT High Isolation Terminated Switch
More results

Similar Description - SW-394SMB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0024 MACOM-MASWSS0024 Datasheet
219Kb / 3P
SPDT High Isolation Terminated Switch, 0.5 - 3.0 GHz
SW-475 MACOM-SW-475 Datasheet
91Kb / 4P
SPDT High Isolation Terminated Switch 0.5 - 3.0 GHz
SW-393 MACOM-SW-393 Datasheet
129Kb / 3P
GaAs SPST High Isolation Terminated Switch 0.5 - 2.0 GHz
MASWSS0121 MACOM-MASWSS0121 Datasheet
198Kb / 3P
SPDT High Isolation Terminated Switch 0.5 - 3.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0121 MA-COM-MASWSS0121 Datasheet
117Kb / 3P
SPDT High Isolation Terminated Switch 0.5 - 3.0 GHz
SW-393 MA-COM-SW-393 Datasheet
108Kb / 3P
GaAs SPST High Isolation Terminated Switch 0.5 - 2.0 GHz
SW-475 MA-COM-SW-475 Datasheet
116Kb / 3P
SPDT High Isolation Terminated Switch 0.5 - 3.0 GHz
logo
Hexawave, Inc
HWS531_V2 HW-HWS531_V2 Datasheet
54Kb / 3P
GaAs 0.5-6 GHz SPDT Terminated Switch
HWS517_V1 HW-HWS517_V1 Datasheet
90Kb / 3P
GaAs 0.5-3 GHz SPDT Terminated Switch
HWS516_V1 HW-HWS516_V1 Datasheet
79Kb / 3P
GaAs 0.5-3 GHz SPDT Terminated Switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com