Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SW-425 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # SW-425
Description  3 Watt Cellular T/R and Antenna Changeover Switch DC - 3.0 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

SW-425 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  SW-425 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. SW-425 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. SW-425 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
3 Watt Cellular T/R and Antenna Changeover Switch
DC - 3.0 GHz
Rev. V5
SW-425
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications: TA = +25°C
Parameter
Test Conditions
Units
Min
Typ
Max
Insertion Loss
DC - 1 GHz
1 - 2 GHz
2 - 3 GHz
dB
dB
dB
0.4
0.55
0.7
0.5
0.65
0.8
Isolation
DC - 1 GHz
1 - 2 GHz
2 - 3 GHz
dB
dB
dB
18
13
10
20
15
12
VSWR
DC - 3 GHz
Ratio
1.2:1
1.4:1
P1dB (3 V supply)
500 MHz - 3 GHz
dBm
32
34
P1dB (5 V supply)
500 MHz - 3 GHz
dBm
34
36
Input IP2
Two-Tone, 5 MHz spacing, +10 dBm (+13 dBm total) VCTL = 3 V
0.9 GHz
dBm
62
70
Input IP3
Two-Tone, 5 MHz spacing, +10 dBm (+13 dBm total) VCTL = 3 V
0.9 GHz
dBm
48
53
2nd Harmonics
Pin 30 dBm [VCTL] = 3 V
Pin 33 dBm [VCTL] = 5 V
dBc
dBc
65
65
70
75
3rd Harmonics
Pin 30 dBm [VCTL] = 3 V
Pin 33 dBm [VCTL] = 5 V
dBc
dBc
45
65
48
75
Trise, Tfall
10% to 90% RF, 90% to 10% RF
ns
60
Gate Leakage Current
VCTL = 3 V
µA
10
20
Ton, Toff
50% Control to 90% RF, Control to 10% RF
ns
20
Transients
In-Band
mV
20
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.
SOT-26



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com