Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F103RCT7TR Datasheet(PDF) 118 Page - STMicroelectronics

Part # STM32F103RCT7TR
Description  High-density performance line ARM-based 32-bit MCU with 256 to 512KB Flash, USB, CAN, 11 timers, 3 ADCs, 13 communication interfaces
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103RCT7TR Datasheet(HTML) 118 Page - STMicroelectronics

Back Button STM32F103RCT7TR Datasheet HTML 114Page - STMicroelectronics STM32F103RCT7TR Datasheet HTML 115Page - STMicroelectronics STM32F103RCT7TR Datasheet HTML 116Page - STMicroelectronics STM32F103RCT7TR Datasheet HTML 117Page - STMicroelectronics STM32F103RCT7TR Datasheet HTML 118Page - STMicroelectronics STM32F103RCT7TR Datasheet HTML 119Page - STMicroelectronics STM32F103RCT7TR Datasheet HTML 120Page - STMicroelectronics STM32F103RCT7TR Datasheet HTML 121Page - STMicroelectronics STM32F103RCT7TR Datasheet HTML 122Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 123 page
background image
Revision history
STM32F103xC, STM32F103xD, STM32F103xE
118/123
Doc ID 14611 Rev 7
8
Revision history
Table 72.
Document revision history
Date
Revision
Changes
07-Apr-2008
1
Initial release.
22-May-2008
2
Document status promoted from Target Specification to Preliminary
Data.
Section 1: Introduction and Section 2.2: Full compatibility throughout
the family modified. Small text changes.
Note 2 added in Table 2: STM32F103xC, STM32F103xD and
STM32F103xE features and peripheral counts on page 11.
LQPF100/BGA100 column added to Table 6: FSMC pin definition on
page 36.
Values and Figures added to Maximum current consumption on
page 44 (see Table 14, Table 15, Table 16 and Table 17 and see
Figure 14, Figure 15, Figure 17, Figure 18 and Figure 19).
Values added to Typical current consumption on page 50 (see Table 18,
Table 19 and Table 20). Table 19: Typical current consumption in
Standby mode removed.
Note 4 and Note 1 added to Table 56: USB DC electrical characteristics
and Table 57: USB: full-speed electrical characteristics on page 97,
respectively.
VUSB added to Table 56: USB DC electrical characteristics on page 97.
Figure 64: Recommended footprint(1) on page 111 corrected.
Equation 1 corrected. Figure 69: LQFP100 PD max vs. TA on page 116
modified.
Tolerance values corrected in Table 64: LFBGA144 – 144-ball low
profile fine pitch ball grid array, 10 x 10 mm, 0.8 mm pitch, package data
on page 107.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com