Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F103RCT7TR Datasheet(PDF) 122 Page - STMicroelectronics

Part # STM32F103RCT7TR
Description  High-density performance line ARM-based 32-bit MCU with 256 to 512KB Flash, USB, CAN, 11 timers, 3 ADCs, 13 communication interfaces
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103RCT7TR Datasheet(HTML) 122 Page - STMicroelectronics

Back Button STM32F103RCT7TR Datasheet HTML 115Page - STMicroelectronics STM32F103RCT7TR Datasheet HTML 116Page - STMicroelectronics STM32F103RCT7TR Datasheet HTML 117Page - STMicroelectronics STM32F103RCT7TR Datasheet HTML 118Page - STMicroelectronics STM32F103RCT7TR Datasheet HTML 119Page - STMicroelectronics STM32F103RCT7TR Datasheet HTML 120Page - STMicroelectronics STM32F103RCT7TR Datasheet HTML 121Page - STMicroelectronics STM32F103RCT7TR Datasheet HTML 122Page - STMicroelectronics STM32F103RCT7TR Datasheet HTML 123Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 122 / 123 page
background image
Revision history
STM32F103xC, STM32F103xD, STM32F103xE
122/123
Doc ID 14611 Rev 7
21-Jul-2009
6
Figure 1: STM32F103xC, STM32F103xD and STM32F103xE
performance line block diagram updated.
Note 5 updated and Note 4 added in Table 5: High-density
STM32F103xx pin definitions.
VRERINT and TCoeff added to Table 13: Embedded internal reference
voltage.
Table 16: Maximum current consumption in Sleep mode, code running
from Flash or RAM modified.
fHSE_ext min modified in Table 21: High-speed external user clock
characteristics.
CL1 and CL2 replaced by C in Table 23: HSE 4-16 MHz oscillator
characteristics and Table 24: LSE oscillator characteristics (fLSE =
32.768 kHz), notes modified and moved below the tables.
Note 1 modified below Figure 22: Typical application with an 8 MHz
crystal. Table 25: HSI oscillator characteristics modified. Conditions
removed from Table 27: Low-power mode wakeup timings.
Jitter added to Table 28: PLL characteristics.
Figure 43: Recommended NRST pin protection modified.
In Table 31: Asynchronous non-multiplexed SRAM/PSRAM/NOR read
timings: th(BL_NOE) and th(A_NOE) modified.
In Table 32: Asynchronous non-multiplexed SRAM/PSRAM/NOR write
timings: th(A_NWE) and th(Data_NWE) modified.
In Table 33: Asynchronous multiplexed PSRAM/NOR read timings:
th(AD_NADV) and th(A_NOE) modified.
In Table 34: Asynchronous multiplexed PSRAM/NOR write timings:
th(A_NWE) modified.
In Table 35: Synchronous multiplexed NOR/PSRAM read timings:
th(CLKH-NWAITV) modified.
In Table 40: Switching characteristics for NAND Flash read and write
cycles: th(NOE-D) modified.
Table 52: SPI characteristics modified. Values added to Table 53: I2S
characteristics and Table 54: SD / MMC characteristics.
CADC and RAIN parameters modified in Table 58: ADC characteristics.
RAIN max values modified in Table 59: RAIN max for fADC = 14 MHz.
Table 62: DAC characteristics modified. Figure 57: 12-bit buffered /non-
buffered DAC added.
Figure 60: LFBGA100 - 10 x 10 mm low profile fine pitch ball grid array
package outline and Table 65: LFBGA100 - 10 x 10 mm low profile fine
pitch ball grid array package mechanical data updated.
24-Sep-2009
7
Number of DACs corrected in Table 3: STM32F103xx family.
IDD_VBAT updated in Table 17: Typical and maximum current
consumptions in Stop and Standby modes.
Figure 16: Typical current consumption on VBAT with RTC on vs.
temperature at different VBAT values added.
IEC 1000 standard updated to IEC 61000 and SAE J1752/3 updated to
IEC 61967-2 in Section 5.3.11: EMC characteristics on page 80.
Table 62: DAC characteristics modified. Small text changes.
Table 72.
Document revision history
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com