Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F103VDT7TR Datasheet(PDF) 12 Page - STMicroelectronics

Part # STM32F103VDT7TR
Description  High-density performance line ARM-based 32-bit MCU with 256 to 512KB Flash, USB, CAN, 11 timers, 3 ADCs, 13 communication interfaces
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103VDT7TR Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STM32F103VDT7TR Datasheet HTML 8Page - STMicroelectronics STM32F103VDT7TR Datasheet HTML 9Page - STMicroelectronics STM32F103VDT7TR Datasheet HTML 10Page - STMicroelectronics STM32F103VDT7TR Datasheet HTML 11Page - STMicroelectronics STM32F103VDT7TR Datasheet HTML 12Page - STMicroelectronics STM32F103VDT7TR Datasheet HTML 13Page - STMicroelectronics STM32F103VDT7TR Datasheet HTML 14Page - STMicroelectronics STM32F103VDT7TR Datasheet HTML 15Page - STMicroelectronics STM32F103VDT7TR Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 123 page
background image
Description
STM32F103xC, STM32F103xD, STM32F103xE
12/123
Doc ID 14611 Rev 7
Figure 1.
STM32F103xC, STM32F103xD and STM32F103xE performance line block diagram
1.
TA = –40 °C to +85 °C (suffix 6, see Table 71) or –40 °C to +105 °C (suffix 7, see Table 71), junction temperature up to
105 °C or 125 °C, respectively.
2.
AF = alternate function on I/O port pin.
PA[15:0]
EXT.IT
112AF
AHB2
2x(8x16b
it)
WKUP
Fmax: 48/72 MHz
VSS
I2C2
GP DMA1
TIM2
TIM3
XTAL32kHz
Flash 512 Kbytes
VDD
Backup interface
TIM4
64 bit
RTC
RC 8 MHz
Cortex-M3 CPU
Dbus
USART2
SPI2/ I2S2
Backup
reg
TIM1
I2C1
RX, TX, CTS, RTS,
USART3
RC 40 kHz
Standby
IWDG
@VBAT
POR /PDR
@VDDA
VBAT =1.8 V to 3.6 V
CK as AF
RX, TX, CTS, RTS,
CK as AF
NVIC
SPI1
interface
@VDDA
PVD
Int
APB2
AWU
TIM8
2x(8x16b
it)
SPI3 / I2S3
UART4
RX, TX as AF
UART5
RX,TX as AF
TIM5
PLL
@VDDA
FSMC
DAC_OUT1 as AF
DAC_OUT2 as AF
SRAM
64 KB
GP DMA2
TIM6
TIM7
NJTRST
JTDI
JTCK/SWCLK
JTMS/SWDIO
JTDO
as AF
A[25:0]
D[15:0]
CLK
NOE
NWE
NE[4:1]
NBL[1:0]
NWAIT
NL (or NADV)
as AF
7 channels
5 channels
GPIO port A
GPIO port B
GPIO port C
GPIO port D
GPIO port E
GPIO port F
GPIO port G
USART1
Temp. sensor
12-bit ADC1
12-bit ADC2
12-bit ADC3
IF
IF
IF
PB[15:0]
PC[15:0]
PD[15:0]
PE[15:0]
PF[15:0]
PG[15:0]
4 channels
3 compl. channels
BKIN, ETR as AF
4 channels
3 compl. channels
BKIN, ETR as AF
MOSI, MISO,
SCK, NSS as AF
RX, TX, CTS,
RTS, CK as AF
8 ADC123_INs
common to the 3 ADCs
8 ADC12_INs common
to ADC1 & ADC2
5 ADC3_INs on ADC3
V
REF+
V
REF–
@ VDDA
APB1
Trace
controller
Pbus
Ibus
System
Reset &
Clock
control
PCLK1
PCLK2
HCLK
FCLK
Power
Volt. reg.
3.3 V to 1.8 V
Supply
supervision
@VDD
POR
Reset
NRST
VDDA
VSSA
OSC_IN
OSC_OUT
@VDD
XTAL OSC
4-16 MHz
OSC32_IN
OSC32_OUT
TAMPER-RTC/
ALARM/SECOND OUT
4 channels, ETR as AF
4 channels, ETR as AF
4 channels, ETR as AF
4 channels as AF
MOSI/SD, MISO
SCK/CK, MCK, NSS/WS as AF
MOSI/SD, MISO
SCK/CK, MCK, NSS/WS as AF
SCL, SDA, SMBA as AF
SCL, SDA, SMBA as AF
bxCAN device
USB 2.0 FS
device
USBDP/CAN_TX
USBDM/CAN_RX
SRAM 512 B
WWDG
ai14666f
TRACECLK
TRACED[0:3]
as AS
SW/JTAG
TPIU
Trace/trig
SDIO
D[7:0]
CMD
CK as AF
AHB2
12bit DAC1
IF
IF
IF
12bit DAC 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com