Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3201T-CI/ST Datasheet(PDF) 15 Page - Microchip Technology

Part # MCP3201T-CI/ST
Description  2.7V 12-Bit A/D Converter with SPI Serial Interface
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3201T-CI/ST Datasheet(HTML) 15 Page - Microchip Technology

Back Button MCP3201T-CI/ST Datasheet HTML 11Page - Microchip Technology MCP3201T-CI/ST Datasheet HTML 12Page - Microchip Technology MCP3201T-CI/ST Datasheet HTML 13Page - Microchip Technology MCP3201T-CI/ST Datasheet HTML 14Page - Microchip Technology MCP3201T-CI/ST Datasheet HTML 15Page - Microchip Technology MCP3201T-CI/ST Datasheet HTML 16Page - Microchip Technology MCP3201T-CI/ST Datasheet HTML 17Page - Microchip Technology MCP3201T-CI/ST Datasheet HTML 18Page - Microchip Technology MCP3201T-CI/ST Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
© 2008 Microchip Technology Inc.
DS21290E-page 15
MCP3201
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
Additional descriptions of the device pins follows.
TABLE 3-1:
PIN FUNCTION TABLE
3.1
Positive Analog Input (IN+)
Positive analog input. This input can vary from IN- to
VREF + IN-.
3.2
Negative Analog Input (IN-)
Negative analog input. This input can vary ±100 mV
from VSS.
3.3
Chip Select/Shutdown (CS/SHDN)
The CS/SHDN pin is used to initiate communication
with the device when pulled low and will end a
conversion and put the device in low power standby
when pulled high. The CS/SHDN pin must be pulled
high between conversions.
3.4
Serial Clock (CLK)
The SPI clock pin is used to initiate a conversion and to
clock out each bit of the conversion as it takes place.
See Section 6.2 “Maintaining Minimum Clock
Speed”
for constraints on clock speed.
3.5
Serial Data Output (DOUT)
The SPI serial data output pin is used to shift out the
results of the A/D conversion. Data will always change
on the falling edge of each clock as the conversion
takes place.
MCP3201
Symbol
Description
MSOP, PDIP, SOIC,
TSSOP
1VREF
Reference Voltage Input
2
IN+
Positive Analog Input
3
IN-
Negative Analog Input
4VSS
Ground
5CS/SHDN
Chip Select/Shutdown Input
6DOUT
Serial Data Out
7
CLK
Serial Clock
8VDD
+2.7V to 5.5V Power Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com