Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

OSM5DLZ2C1D Datasheet(PDF) 1 Page - OptoSupply International

Part # OSM5DLZ2C1D
Description  Super Fllux Warm Whiitte LED
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSM5DLZ2C1D Datasheet(HTML) 1 Page - OptoSupply International

  OSM5DLZ2C1D Datasheet HTML 1Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
VER A
S
Su
up
pe
er
r F
Fllu
ux
x W
Wa
ar
rm
m W
Wh
hiitte
e L
LE
ED
D
OSM5DLZ2C1D
■
Features
■
Outline Dimension
●
High Luminous Super Flux Output
●
5 ø Standard Directivity
●
Superior Weather-resistance
●
UV Resistant Epoxy
●
Long Lifetime Operation (Up to 100,000 hours)
●
Water Clear Type
■
Applications
●
General Purpose Indicators
●
Small Area Illuminations
●
●
Back Lighting
Other Lighting
4.
95
2.
5
0.76+0.1
2
2.
5
5.08+0.2
1.5+0.1
5.08+0.3
2
3
5.
0+
0.
2
1,4 Anode
2,3 Cathode
Unit:mm
Tolerance:+0.3mm
7.
62
1.5C
7.62
5.0
■
Absolute Maximum Rating
(Ta=25
℃
℃
℃
℃))))
■
Directivity
Item
Symbol
Value
Unit
DC Forward Current
IF
30
mA
Pulse Forward Current*
IFP
100
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
108
mW
Operating Temperature
Topr
-30 ~ +85
℃
Storage Temperature
Tstg
-40 ~ +100
℃
Lead Soldering Temperature
Tsol
260
℃/ 5sec
-
*Pulse width Max.10ms , Duty ratio max 1/10
0
0
■Electrical -Optical Characteristics
(Ta=25
℃
℃
℃
℃))))
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
DC Forward Voltage
VF
IF=20mA
2.9
3.1
3.6
V
DC Reverse Current
IR
VR=5V
-
-
10
µA
Luminous Intensity*
Iv
IF=20mA
-
2500
-
mcd
x
IF=20mA
-
0.45
-
Chromaticity
Coordinates*
y
IF=20mA
-
0.41
-
50% Power Angle
2θ1/2
IF=20mA
-
120
-
deg
*1 Tolerance of chromaticity coordinates is +10%
*2 Tolerance of luminous intensity is +15%
LED & Application Technologies


Similar Part No. - OSM5DLZ2C1D

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSM5DLZ2C1D-X OPTOSUPPLY-OSM5DLZ2C1D-X Datasheet
184Kb / 3P
PRODUCT SPECIFICATION FOR LED Light Module
OSM5DLZ2C1D-X OPTOSUPPLY-OSM5DLZ2C1D-X Datasheet
193Kb / 3P
PRODUCT SPECIFICATION FOR LED Light Module Long life, easy installation
More results

Similar Description - OSM5DLZ2C1D

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSK5DAZ2C1D OPTOSUPPLY-OSK5DAZ2C1D Datasheet
83Kb / 1P
Super Fllux Piink LED
OSK5XLZ161G OPTOSUPPLY-OSK5XLZ161G Datasheet
90Kb / 1P
Giiga Power Super Fllux Piink LED
OSM5DL5111P OPTOSUPPLY-OSM5DL5111P Datasheet
84Kb / 1P
Delluxe Power 5mm Round Warm Whiitte LED
OSY5CAZ3K1D OPTOSUPPLY-OSY5CAZ3K1D Datasheet
110Kb / 1P
Super Fllux Commerciiall Yellllow Led
OSY5CAZ161D OPTOSUPPLY-OSY5CAZ161D Datasheet
115Kb / 1P
Super Fllux Commerciiall Yellllow LED
OS5RAAZ2C1P OPTOSUPPLY-OS5RAAZ2C1P Datasheet
139Kb / 1P
Delluxe Power Super Fllux Super Red LED
OS5YAAZ2C1P OPTOSUPPLY-OS5YAAZ2C1P Datasheet
140Kb / 1P
Delluxe Power Super Fllux Super Yellllow LED
OSK7DLZ281P OPTOSUPPLY-OSK7DLZ281P Datasheet
122Kb / 1P
Super Fllux Purplle Collor LED
OSM5X3L6E1E OPTOSUPPLY-OSM5X3L6E1E Datasheet
315Kb / 2P
D28mm Tops 6 Power Warm Whiitte COB LED
OSM54TS4C1A-HCRI OPTOSUPPLY-OSM54TS4C1A-HCRI Datasheet
120Kb / 1P
5x5x1..5mm Warm Whiitte Top SMD LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com