Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MRF24J40T-I/ML Datasheet(PDF) 35 Page - Microchip Technology

Part # MRF24J40T-I/ML
Description  IEEE 802.15.4??2.4 GHz RF Transceiver
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF24J40T-I/ML Datasheet(HTML) 35 Page - Microchip Technology

Back Button MRF24J40T-I/ML Datasheet HTML 31Page - Microchip Technology MRF24J40T-I/ML Datasheet HTML 32Page - Microchip Technology MRF24J40T-I/ML Datasheet HTML 33Page - Microchip Technology MRF24J40T-I/ML Datasheet HTML 34Page - Microchip Technology MRF24J40T-I/ML Datasheet HTML 35Page - Microchip Technology MRF24J40T-I/ML Datasheet HTML 36Page - Microchip Technology MRF24J40T-I/ML Datasheet HTML 37Page - Microchip Technology MRF24J40T-I/ML Datasheet HTML 38Page - Microchip Technology MRF24J40T-I/ML Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 152 page
background image
© 2008 Microchip Technology Inc.
Preliminary
DS39776B-page 33
MRF24J40
REGISTER 2-25:
TXNCON: TRANSMIT NORMAL FIFO CONTROL REGISTER (ADDRESS: 0x1B)
R/W-0
R/W-0
R/W-0
R-0
R/W-0
R/W-0
R/W-0
W-0
r
r
r
FPSTAT(1) INDIRECT(4) TXNACKREQ(2,4) TXNSECEN(3,4)
TXNTRIG
bit 7
bit 0
Legend:
r = reserved
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-5
Reserved: Maintain as ‘0’
bit 4
FPSTAT: Frame Pending Status bit(1)
Status of the frame pending bit in the received Acknowledgement frame.
1
= Frame pending bit = 1
0
= Frame pending bit = 0
bit 3
INDIRECT: Activate Indirect Transmission bit (coordinator only)(4)
1
= Indirect transmission enabled
0
= Indirect transmission disabled (default)
bit 2
TXNACKREQ: TX Normal FIFO Acknowledgement Request bit(2,4)
Transmit a frame with Acknowledgement frame expected. If Acknowledgement is not received,
retransmit.
1
= Acknowledgement requested
0
= No Acknowledgement requested (default)
bit 1
TXNSECEN: TX Normal FIFO Security Enabled bit(3,4)
1
= Security enabled
0
= Security disabled (default)
bit 0
TXNTRIG: Transmit Frame in TX Normal FIFO bit
1
= Transmit the frame in the TX Normal FIFO; bit is automatically cleared by hardware
Note 1:
Refer to IEEE 802.15.4™-2003 Standard, Section 7.2.1.1.3 “Frame Pending Subfield”.
2:
Refer to IEEE 802.15.4-2003 Standard, Section 7.2.1.1.4 “Acknowledgement Request Subfield”.
3:
Refer to IEEE 802.15.4-2003 Standard, Section 7.2.1.1.2 “Security Enabled Subfield”.
4:
Bit is cleared at the next triggering of TXN FIFO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com