Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP4531-503E/MF Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP4531-503E/MF
Description  7/8-Bit Single/Dual I2C Digital POT with Volatile Memory
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4531-503E/MF Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP4531-503E/MF Datasheet HTML 3Page - Microchip Technology MCP4531-503E/MF Datasheet HTML 4Page - Microchip Technology MCP4531-503E/MF Datasheet HTML 5Page - Microchip Technology MCP4531-503E/MF Datasheet HTML 6Page - Microchip Technology MCP4531-503E/MF Datasheet HTML 7Page - Microchip Technology MCP4531-503E/MF Datasheet HTML 8Page - Microchip Technology MCP4531-503E/MF Datasheet HTML 9Page - Microchip Technology MCP4531-503E/MF Datasheet HTML 10Page - Microchip Technology MCP4531-503E/MF Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 88 page
background image
© 2008 Microchip Technology Inc.
DS22096A-page 7
MCP453X/455X/463X/465X
Full-Scale Error
(MCP4XX1 only)
(8-bit code = 100h,
7-bit code = 80h)
VWFSE
-6.0
-0.1
—
LSb
5 k
Ω
8-bit
3.0V
≤ V
DD ≤ 5.5V
-4.0
-0.1
—
LSb
7-bit
3.0V
≤ V
DD ≤ 5.5V
-3.5
-0.1
—
LSb
10 k
Ω
8-bit
3.0V
≤ V
DD ≤ 5.5V
-2.0
-0.1
—
LSb
7-bit
3.0V
≤ V
DD ≤ 5.5V
-0.8
-0.1
—
LSb
50 k
Ω
8-bit
3.0V
≤ V
DD ≤ 5.5V
-0.5
-0.1
—
LSb
7-bit
3.0V
≤ V
DD ≤ 5.5V
-0.5
-0.1
—
LSb
100 k
Ω 8-bit
3.0V
≤ V
DD ≤ 5.5V
-0.5
-0.1
—
LSb
7-bit
3.0V
≤ V
DD ≤ 5.5V
Zero-Scale Error
(MCP4XX1 only)
(8-bit code = 00h,
7-bit code = 00h)
VWZSE
—+0.1
+6.0
LSb
5 k
Ω
8-bit
3.0V
≤ V
DD ≤ 5.5V
—
+0.1
+3.0
LSb
7-bit
3.0V
≤ V
DD ≤ 5.5V
—
+0.1
+3.5
LSb
10 k
Ω
8-bit
3.0V
≤ V
DD ≤ 5.5V
—
+0.1
+2.0
LSb
7-bit
3.0V
≤ V
DD ≤ 5.5V
—
+0.1
+0.8
LSb
50 k
Ω
8-bit
3.0V
≤ V
DD ≤ 5.5V
—
+0.1
+0.5
LSb
7-bit
3.0V
≤ V
DD ≤ 5.5V
—
+0.1
+0.5
LSb
100 k
Ω 8-bit
3.0V
≤ V
DD ≤ 5.5V
—
+0.1
+0.5
LSb
7-bit
3.0V
≤ V
DD ≤ 5.5V
Potentiometer
Integral
Non-linearity
INL
-1
±0.5
+1
LSb
8-bit
3.0V
≤ V
DD ≤ 5.5V
MCP4XX1 devices only
(Note 2)
-0.5
±0.25
+0.5
LSb
7-bit
Potentiometer
Differential
Non-linearity
DNL
-0.5
±0.25
+0.5
LSb
8-bit
3.0V
≤ V
DD ≤ 5.5V
MCP4XX1 devices only
(Note 2)
-0.25
±0.125
+0.25
LSb
7-bit
AC/DC CHARACTERISTICS (CONTINUED)
DC Characteristics
Standard Operating Conditions (unless otherwise specified)
Operating Temperature
–40°C
≤ T
A ≤ +125°C (extended)
All parameters apply across the specified operating ranges unless noted.
VDD = +2.7V to 5.5V, 5 kΩ, 10 kΩ, 50 kΩ, 100 kΩ devices.
Typical specifications represent values for VDD = 5.5V, TA = +25°C.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Note 1:
Resistance is defined as the resistance between terminal A to terminal B.
2:
INL and DNL are measured at VW with VA = VDD and VB = VSS.
3:
MCP4XX1 only.
4:
MCP4XX2 only, includes VWZSE and VWFSE.
5:
Resistor terminals A, W and B’s polarity with respect to each other is not restricted.
6:
This specification by design.
7:
Non-linearity is affected by wiper resistance (RW), which changes significantly overvoltage and
temperature.
8:
The MCP4XX1 is externally connected to match the configurations of the MCP45X2 and MCP46X2, and
then tested.
9:
POR/BOR is not rate dependent.
10: Supply current is independent of current through the resistor network
11: When HVC/A0 = VIHH, the IDD current is less due to current into the HVC/A0 pin. See IPU specification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com