Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

OSRBMC3132A Datasheet(PDF) 1 Page - OptoSupply International

Part # OSRBMC3132A
Description  3mm Round Phoenix Red & Super Blue LED
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSRBMC3132A Datasheet(HTML) 1 Page - OptoSupply International

  OSRBMC3132A Datasheet HTML 1Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
VER A.0
3
3m
mm
m R
Ro
ou
un
nd
d P
Ph
ho
oe
en
niix
x R
Re
ed
d &
& S
Su
up
pe
er
r B
Bllu
ue
e
L
LE
ED
D
OSRBMC3132A
■
Features
■
Outline Dimension
●
High Luminous LEDs
●
3mm Round Standard Directivity
●
Superior Weather-resistance
●
UV Resistant Epoxy
●
White Diffused Type
■
Applications
●
Toys
●
Games
●
Audio
●
Other Lighting
2.54 2.54
3.0
Unit:mm
Tolerance:±0.30mm
1
2
3
2.Common Cathode
1,3.Anode
2
1
3
Red
Blue
■
Absolute Maximum Rating
(Ta=25℃)
■
Directivity
Value
Item
Symbol
Red
Blue
Unit
DC Forward Current
IF
50
30
mA
Pulse Forward Current*
IFP
120
100
mA
Reverse Voltage
VR
5
5
V
Power Dissipation
PD
120
108
mW
Operating Temperature
Topr
-30~ +85
℃
Storage Temperature
Tstg
-40 ~ +100
℃
Lead Soldering Temperature
Tsol
260
℃/5sec
-
*Pulse width Max.10ms Duty ratio max 1/10
0.5
30°
90°
60°
0
0
0.5
30°
60°
90°
11
■
Electrical -Optical Characteristics
(Ta=25℃)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
DC Forward Voltage
VF (Red)
IF=20mA
1.8
2.1
2.4
V
DC Forward Voltage
VF (Blue)
IF=20mA
2.9
3.1
3.6
V
DC Reverse Current
IR
VR=5V
-
-
10
µA
λD (Red)
IF=20mA
619
624
629
nm
Domi. Wavelength*
λD (Blue)
IF=20mA
465
470
475
nm
Iv (Red)
IF=20mA
-
3300
-
mcd
Luminous Intensity*
Iv (Blue)
IF=20mA
-
1500
-
mcd
50% Power Angle
2θ1/2
IF=20mA
-
30
-
deg
*1 Tolerance of dominant wavelength is +1nm
*2 Tolerance of luminous intensity is +15%
LED & Application Technologies


Similar Part No. - OSRBMC3132A

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSRBMC3132A OPTOSUPPLY-OSRBMC3132A Datasheet
106Kb / 1P
3mm Round Phoenix Red & Super Blue LED
OSRBMC3132A OPTOSUPPLY-OSRBMC3132A_09 Datasheet
106Kb / 1P
3mm Round Phoenix Red & Super Blue LED
More results

Similar Description - OSRBMC3132A

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSR5MA3111P OPTOSUPPLY-OSR5MA3111P Datasheet
98Kb / 1P
Deluxe Power 3mm Round Phoenix Red LED
OSR5MA3131A OPTOSUPPLY-OSR5MA3131A Datasheet
100Kb / 1P
3mm Round Phoenix Red LED
OSRBMC5B31A OPTOSUPPLY-OSRBMC5B31A Datasheet
101Kb / 1P
5mm Round Phoenix Red & Super Blue LED
OSRBMC5B32A OPTOSUPPLY-OSRBMC5B32A Datasheet
101Kb / 1P
5mm Round Phoenix Red & Super Blue LED
OSRBMC3131A OPTOSUPPLY-OSRBMC3131A Datasheet
100Kb / 1P
3mm Round Phoenix Red & Super Blue LED
OSR5MA3131A OPTOSUPPLY-OSR5MA3131A_09 Datasheet
106Kb / 1P
3mm Round Phoenix Red LED
OSRBMC5B31A OPTOSUPPLY-OSRBMC5B31A_11 Datasheet
111Kb / 1P
5mm Round Phoenix Red & Super Blue LED
OSRBMC5B32A OPTOSUPPLY-OSRBMC5B32A_09 Datasheet
107Kb / 1P
5mm Round Phoenix Red & Super Blue LED
OSRBMC3131A OPTOSUPPLY-OSRBMC3131A_11 Datasheet
110Kb / 1P
3mm Round Phoenix Red & Super Blue LED
OSRBMC3132A OPTOSUPPLY-OSRBMC3132A_09 Datasheet
106Kb / 1P
3mm Round Phoenix Red & Super Blue LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com