Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TC500 Datasheet(PDF) 18 Page - Microchip Technology

Part # TC500
Description  Precision Analog Front Ends with Dual Slope ADC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC500 Datasheet(HTML) 18 Page - Microchip Technology

Back Button TC500_08 Datasheet HTML 14Page - Microchip Technology TC500_08 Datasheet HTML 15Page - Microchip Technology TC500_08 Datasheet HTML 16Page - Microchip Technology TC500_08 Datasheet HTML 17Page - Microchip Technology TC500_08 Datasheet HTML 18Page - Microchip Technology TC500_08 Datasheet HTML 19Page - Microchip Technology TC500_08 Datasheet HTML 20Page - Microchip Technology TC500_08 Datasheet HTML 21Page - Microchip Technology TC500_08 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
TC500/A/510/514
DS21428E-page 18
© 2008 Microchip Technology Inc.
8.6
Integrator Output Zero Phase
The comparator delay and the controller’s response
latency may result in overshoot, causing charge
buildup on the integrator at the end of a conversion.
This charge must be removed or performance will
degrade. The integrator output zero phase should be
activated (AB = 00) until CMPTR goes high. It is
absolutely critical that this phase be terminated
immediately so that overshoot is not allowed to occur in
the opposite direction. At this point, it can be assured
that the integrator is near zero. Auto-zero should be
entered (AB = 01) and the TC5XX held in this state until
the next cycle is begun (see Figure 8-2).
FIGURE 8-2:
Overshoot.
8.7
Using the TC510/TC514
8.7.1
NEGATIVE SUPPLY VOLTAGE
CONVERTER (TC510, TC514)
A capacitive charge pump is employed to invert the
voltage on VDD for negative bias within the TC510/
TC514. This voltage is also available on the VOUT– pin
to provide negative bias elsewhere in the system. Two
external capacitors are required to perform the
conversion.
Timing is generated by an internal state machine driven
from an on-board oscillator. During the first phase,
capacitor CF is switched across the power supply and
charged to VS+. This charge is transferred to capacitor
COUT– during the second phase. The oscillator
normally runs at 100 kHz to ensure minimum output
ripple. This frequency can be reduced by placing a
capacitor from OSC to VDD. The relationship between
the capacitor value is shown in Section 2.0 “Typical
Performance Curves”
.
8.7.2
ANALOG INPUT MULTIPLEXER
(TC514)
The TC514 is equipped with a four-input differential
analog multiplexer. Input channels are selected using
select inputs (A1, A0). These are high-true control
signals (i.e., channel 0 is selected when (A1, A0 = 00).
Integrator
Output
Comparator
Output Comp
Integrate
Phase
De-integrate Phase
Integrator
Zero Phase
Zero
Crossing
Overshoot



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com