Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TC2054 Datasheet(PDF) 6 Page - Microchip Technology

Part # TC2054
Description  50 mA, 100 mA, and 150 mA CMOS LDOs with Shutdown and Error Output
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC2054 Datasheet(HTML) 6 Page - Microchip Technology

Back Button TC2054 Datasheet HTML 2Page - Microchip Technology TC2054 Datasheet HTML 3Page - Microchip Technology TC2054 Datasheet HTML 4Page - Microchip Technology TC2054 Datasheet HTML 5Page - Microchip Technology TC2054 Datasheet HTML 6Page - Microchip Technology TC2054 Datasheet HTML 7Page - Microchip Technology TC2054 Datasheet HTML 8Page - Microchip Technology TC2054 Datasheet HTML 9Page - Microchip Technology TC2054 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
TC2054/2055/2186
DS21663D-page 6
© 2009 Microchip Technology Inc.
Note: Unless otherwise indicated, VIN = VR + 1V, IL = 100 µA, COUT = 3.3 µF, SHDN > VIH, TA = +25°C.
FIGURE 2-7:
IDD vs. Temperature.
FIGURE 2-8:
Output Voltage vs.
Temperature.
FIGURE 2-9:
Output Voltage vs.
Temperature.
FIGURE 2-10:
Output Voltage vs. Output
Current.
FIGURE 2-11:
Output Voltage vs. Supply
Voltage.
FIGURE 2-12:
Dropout Voltage vs. Supply
Voltage.
VIN = 2.8V
65.00
63.00
61.00
59.00
57.00
55.00
53.00
-45
5
55
105
155
Temperature (°C)
VOUT = 1.8V
2.5
2.55
2.6
2.65
2.7
2.75
2.8
2.85
2.9
-50
-35
-20
-5
10
25
40
55
70
85
100
115
130
145
IOUT = 0.1mA
VOUT = 2.8V
VIN = 6.5V
VIN = 3.8V
VIN = 6.0V
Temperature (˚C)
-50
-35
-20
-5
10
25
40
55
70
85
100
115
130 145
Temperature (˚C)
VIN = 6.5V
VIN = 6.0V
VIN = 2.8V
IOUT = 0.1mA
VOUT = 1.8V
1.9
1.86
1.84
1.82
1.8
1.78
1.76
1.74
1.72
1.88
1.7
1.7
1.72
1.74
1.76
1.78
1.8
1.82
1.84
1.86
1.88
1.9
0
15
30
45
60
75
90
105
120
135
150
VIN = 2.8V
ILOAD (mA)
3.5
4
4.5
5
5.5
6
6.5
7
Temp = +130˚C
Temp = -45˚C
Temp = +25˚C
2.5
2.55
2.6
2.7
2.75
2.8
2.85
2.9
2.65
IOUT = 0.1mA
VOUT = 2.8V
VIN (V)
2.7
3.2
3.7
4.2
4.7
5.2
5.7
6.2
6.7
VIN (V)
1.7
1.72
1.74
1.76
1.78
1.8
1.82
1.84
1.86
1.88
1.9
Temp = +130˚C
Temp = -45˚C
Temp = +25˚C
IOUT = 0.1mA
VOUT = 1.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com