| Electronic Components Datasheet Search |
|
TC510CPE Datasheet(PDF) 11 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
TC510CPE Datasheet(HTML) 11 Page - Microchip Technology |
|
11 / 38 page ![]() © 2008 Microchip Technology Inc. DS21428E-page 11 TC500/A/510/514 5.0 TC500/A/510/514 CONVERTER OPERATION The TC500/A/510/514 incorporates an auto-zero and Integrator phase in addition to the input signal Integrate and reference De-integrate phases. The addition of these phases reduce system errors, calibration steps and shorten overrange recovery time. A typical measurement cycle uses all four phases in the following order: 1. Auto-zero. 2. Input signal integration. 3. Reference de-integration. 4. Integrator output zero. The internal analog switch status for each of these phases is summarized in Table 5-1. This table references the Typical Application. TABLE 5-1: INTERNAL ANALOG GATE STATUS 5.1 Auto-zero Phase (AZ) During this phase, errors due to buffer, integrator and comparator offset voltages are nulled out by charging CAZ (auto-zero capacitor) with a compensating error voltage. The external input signal is disconnected from the internal circuitry by opening the two SWI switches. The internal input points connect to analog common. The reference capacitor is charged to the reference voltage potential through SWR. A feedback loop, closed around the integrator and comparator, charges the capacitor (CAZ) with a voltage to compensate for buffer amplifier, integrator and comparator offset voltages. 5.2 Analog Input Signal Integration Phase (INT) The TC5XX integrates the differential voltage between the VIN+ and VIN– inputs. The differential voltage must be within the device’s Common mode range VCMR. The input signal polarity is normally checked via software at the end of this phase: CMPTR = 1 for positive polarity; CMPTR = 0 for negative polarity. 5.3 Reference Voltage De-integration Phase (DINT) The previously charged reference capacitor is connected with the proper polarity to ramp the integrator output back to zero. An externally-provided, precision timer is used to measure the duration of this phase. The resulting time measurement is proportional to the magnitude of the applied input voltage. 5.4 Integrator Output Zero Phase (IZ) This phase ensures the integrator output is at 0V when the auto-zero phase is entered, and that only system offset voltages are compensated. This phase is used at the end of the reference voltage de-integration phase and MUST be used for ALL TC5XX applications having resolutions of 12-bits or more. If this phase is not used, the value of the auto-zero capacitor (CAZ) must be about 2 to 3 times the value of the integration capacitor (CINT) to reduce the effects of charge sharing. The integrator output zero phase should be programmed to operate until the output of the comparator returns high. The overall timing system is shown in Figure 5-1. Conversion Phase SWI SWR+SWR-SWZ SWR SW1 SWIZ Auto-zero (A = 0, B = 1) — — — Closed Closed Closed — Input Signal Integration (A = 1, B = 0) Closed — — — — — — Reference Voltage De-integration (A =1, B = 1) — * Closed — — — Closed — Integrator Output Zero (A = 0, B = 0) — — — — Closed Closed Closed * Assumes a positive polarity input signal. SW–RI would be closed for a negative input signal. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |