Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VMB0004MFJ Datasheet(PDF) 2 Page - Vicor Corporation

Part # VMB0004MFJ
Description  DC to DC Bus Converter Module
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

VMB0004MFJ Datasheet(HTML) 2 Page - Vicor Corporation

  VMB0004MFJ Datasheet HTML 1Page - Vicor Corporation VMB0004MFJ Datasheet HTML 2Page - Vicor Corporation VMB0004MFJ Datasheet HTML 3Page - Vicor Corporation VMB0004MFJ Datasheet HTML 4Page - Vicor Corporation VMB0004MFJ Datasheet HTML 5Page - Vicor Corporation VMB0004MFJ Datasheet HTML 6Page - Vicor Corporation VMB0004MFJ Datasheet HTML 7Page - Vicor Corporation VMB0004MFJ Datasheet HTML 8Page - Vicor Corporation VMB0004MFJ Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
ABSOLUTE MAXIMUM RATINGS
+IN to –IN . . . . . . . . . . . . . . . . . . . . . . . . -1.0 Vdc – +400 Vdc
PC to –IN . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 Vdc – +20 Vdc
TM to –IN . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 Vdc – +7.0 Vdc
+IN / -IN to +OUT / -OUT . . . . . . . . . . . . . . . . . 4242 V (Hi Pot)
+IN / -IN to +OUT / -OUT . . . . . . . . . . . . . . . . . 500 V (working)
+OUT to –OUT . . . . . . . . . . . . . . . . . . . . . . -1.0 Vdc - +60 Vdc
Temperature during reflow . . . . . . . . . . . . . . . . . 225°C (MSL5)
PACKAGE ORDERING INFORMATION
PART NUMBER
DESCRIPTION
VMB0004MFJ
-55°C – 125°C TJ, J lead
VMB0004MFT
-55°C – 125°C TJ, Through hole
CONTROL PIN SPECIFICATIONS
See section 5.0 for further application details and guidelines
.
PC (V•I Chip BCM Primary Control)
The PC pin can enable and disable the BCM. When held below
VPC-DIS the BCM shall be disabled. When allowed to float with
an impedance to –IN of greater than 50 k
Ω the module will
start. When connected to another BCM PC pin (either directly,
or isolated through a diode), the BCMs will start simultane-
ously when enabled. The PC pin is capable of being either
driven high by an external logic signal or internal pull up to 5 V
(operating).
TM (V•I Chip BCM Temperature Monitor)
The TM pin monitors the internal temperature of the BCM
within an accuracy of +5/-5°C. It has a room temperature
set point of ~3.0 V and an approximate gain of 10 mV/°C. It
can source up to 100 uA and may also be used as a “Power
Good” flag to verify that the BCM is operating.
-In
PC
RSV
TM
+In
-Out
+Out
-Out
+Out
Bottom View
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
4
3
2
1
A
B
C
D
E
H
J
K
L
M
N
P
R
T
Signal
Name
Designation
+In
A1-E1, A2-E2
–In
L1-T1, L2-T2
TM
H1, H2
RSV
J1, J2
PC
K1, K2
+Out
A3-D3, A4-D4,
J3-M3, J4-M4
–Out
E3-H3, E4-H4,
N3-T3, N4-T4
vicorpower.com
V•I CHIP INC. (A VICOR COMPANY) 25 FRONTAGE RD. ANDOVER, MA 01810 800-735-6200
Rev. 1.3
9/2009
Page 2 of 18
VMB0004MFJ - VMB0004MFT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com