Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3302T-BI/P Datasheet(PDF) 43 Page - Microchip Technology

Part # MCP3302T-BI/P
Description  13-Bit Differential Input, Low Power A/D Converter with SPI Serial Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3302T-BI/P Datasheet(HTML) 43 Page - Microchip Technology

Back Button MCP3302T-BI/P Datasheet HTML 38Page - Microchip Technology MCP3302T-BI/P Datasheet HTML 39Page - Microchip Technology MCP3302T-BI/P Datasheet HTML 40Page - Microchip Technology MCP3302T-BI/P Datasheet HTML 41Page - Microchip Technology MCP3302T-BI/P Datasheet HTML 42Page - Microchip Technology MCP3302T-BI/P Datasheet HTML 43Page - Microchip Technology MCP3302T-BI/P Datasheet HTML 44Page - Microchip Technology MCP3302T-BI/P Datasheet HTML 45Page - Microchip Technology MCP3302T-BI/P Datasheet HTML 46Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 43 / 46 page
background image
© 2008 Microchip Technology Inc.
DS21697E-page 43
MCP3302/04
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
X
/XX
Package
Temperature
Range
Device
Device
MCP3302:
13-Bit Serial A/D Converter
MCP3302T: 13-Bit Serial A/D Converter (Tape and Reel)
MCP3304:
13-Bit Serial A/D Converter
MCP3304T: 13-Bit Serial A/D Converter (Tape and Reel)
Grade:
B
= ±1 LSB INL
C= ±2 LSB INL
Temperature Range
I
= -40
°C to +85°C
(Industrial)
Package
P
= Plastic DIP (300 mil Body), 14-lead, 16-lead
SL = Plastic SOIC (150 mil Body), 14-lead, 16-lead
ST = Plastic TSSOP (4.4mm), 14-lead
Examples:
a)
MCP3302-BI/P:
±1 LSB INL,
Industrial Temperature,
14-LD PDIP package
b)
MCP3302-BI/SL: ±1 LSB INL,
Industrial Temperature,
14-LD SOIC package
c)
MCP3302-CI/ST: ±2 LSB INL,
Industrial Temperature,
14-LD TSSOP package
a)
MCP3304-BI/P:
±1 LSB INL,
Industrial Temperature,
16-LD PDIP package
b)
MCP3304-BI/SL: ±1 LSB INL,
Industrial Temperature,
16-LD SOIC package
-X
Grade



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com