Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3302T-CI/P Datasheet(PDF) 15 Page - Microchip Technology

Part # MCP3302T-CI/P
Description  13-Bit Differential Input, Low Power A/D Converter with SPI Serial Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3302T-CI/P Datasheet(HTML) 15 Page - Microchip Technology

Back Button MCP3302T-CI/P Datasheet HTML 11Page - Microchip Technology MCP3302T-CI/P Datasheet HTML 12Page - Microchip Technology MCP3302T-CI/P Datasheet HTML 13Page - Microchip Technology MCP3302T-CI/P Datasheet HTML 14Page - Microchip Technology MCP3302T-CI/P Datasheet HTML 15Page - Microchip Technology MCP3302T-CI/P Datasheet HTML 16Page - Microchip Technology MCP3302T-CI/P Datasheet HTML 17Page - Microchip Technology MCP3302T-CI/P Datasheet HTML 18Page - Microchip Technology MCP3302T-CI/P Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 46 page
background image
© 2008 Microchip Technology Inc.
DS21697E-page 15
MCP3302/04
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
3.1
Analog Inputs (CH0-CH7)
Analog input channels. These pins have an absolute
voltage range of VSS - 0.3V to VDD+ 0.3V. The full scale
differential input range is defined as the absolute value
of (IN+) - (IN-). This difference can not exceed the
value of VREF - 1 LSB or digital code saturation will
occur.
3.2
Digital Ground (DGND)
Ground connection to internal digital circuitry. To
ensure accuracy this pin must be connected to the
same ground as AGND. If an analog ground plane is
available, it is recommended that this device be tied to
the analog ground plane in the circuit. See Section 5.6
“Layout
Considerations”
for more information
regarding circuit layout.
3.3
Chip Select/Shutdown (CS/SHDN)
The CS/SHDN pin is used to initiate communication
with the device when pulled low. This pin will end a
conversion and put the device in low-power standby
when pulled high. The CS/SHDN pin must be pulled
high between conversions and cannot be tied low for
multiple conversions. See Figure 6-2 for serial
communication protocol.
3.4
Serial Data Input (DIN)
The SPI port serial data input pin is used to clock in
input channel configuration data. Data is latched on the
rising edge of the clock. See Figure 6-2 for serial
communication protocol.
3.5
Serial Data Output (DOUT)
The SPI serial data output pin is used to shift out the
results of the A/D conversion. Data will always change
on the falling edge of each clock as the conversion
takes place. See Figure 6-2 for serial communication
protocol.
3.6
Serial Clock (CLK)
The SPI clock pin is used to initiate a conversion and to
clock out each bit of the conversion as it takes place.
See Section 5.2 “Driving the Analog Input” for
constraints on clock speed. See Figure 6-2 for serial
communication protocol.
TABLE 3-1:
PIN FUNCTION TABLE
MCP3302
MCP3304
Symbol
Description
PDIP, SOIC,
TSSOP
PDIP, SOIC
1
1
CH0
Analog Input
2
2
CH1
Analog Input
3
3
CH2
Analog Input
4
4
CH3
Analog Input
—
5
CH4
Analog Input
—
6
CH5
Analog Input
—
7
CH6
Analog Input
—
8
CH7
Analog Input
7
9
DGND
Digital Ground
810
CS/SHDN
Chip Select / Shutdown Input
911
DIN
Serial Data In
10
12
DOUT
Serial Data Out
11
13
CLK
Serial Clock
12
14
AGND
Analog Ground
13
15
VREF
Reference Voltage Input
14
16
VDD
+2.7V to 5.5V Power Supply
5, 6
—
NC
No Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com