Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP3361 Datasheet(PDF) 4 Page - Lowpower Semiconductor inc

Part # LP3361
Description  6-Channel Constant Current White LED Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3361 Datasheet(HTML) 4 Page - Lowpower Semiconductor inc

  LP3361 Datasheet HTML 1Page - Lowpower Semiconductor inc LP3361 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3361 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3361 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3361 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3361 Datasheet HTML 6Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Preliminary Datasheet
LP3361
LP3361 – Ver. 1.0 Datasheet
Nov.-2008
Page 4 of 6
Absolute Maximum Ratings
Input Voltage to GND (VDD1, VDD2) ---------------------------------------------------------------------- 6.5V
EN to GND Voltage (VEN) ----------------------------------------------------------------------
-0.3V to Vin+0.3V
Operating Junction Temperature Range (TJ) --------------------------------------------------
-40℃ to 125℃
Maximum Soldering Temperature (at leads, 1 0sec) ----------------------------------------------------- 300℃
Thermal Information
Maximum Power Dissipation (PD) DFN-10 ---------------------------------------------------------------- 1.5W
Thermal Resistance (JA) ------------------------------------------------------------------------------------58℃/W
Electrical Characteristics
(Over recommended operating conditions unless specified otherwise) VINA =3.6V,EN=High, TA=25℃ )
Symbol
Parameter
Conditions
LP3361
Unit
Min.
Typ.
Max.
VIN
Input Voltage
3
5.5
V
IQ
Quiescent Current
No Load,
75
75
uA
ISHDN
Shutdown Current
EN = GND
0.1
1
µA
ILED-ERR
LED Current Accuracy
3mA< ILED<30mA
19.4
20
20.6
mA
ILED-LED-ERR
LED Channel Matching
Any two channel mismatch
-3
3
%
VEN(L)
Enable Threshold Low
0.5
V
VEN(H)
Enable Threshold High
2
V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com