Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP3984-2HB5F Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP3984-2HB5F
Description  300mA,Ultra-low noise, Small Package Ultra-Fast CMOS LDO Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3984-2HB5F Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP3984-2HB5F Datasheet HTML 1Page - Lowpower Semiconductor inc LP3984-2HB5F Datasheet HTML 2Page - Lowpower Semiconductor inc LP3984-2HB5F Datasheet HTML 3Page - Lowpower Semiconductor inc LP3984-2HB5F Datasheet HTML 4Page - Lowpower Semiconductor inc LP3984-2HB5F Datasheet HTML 5Page - Lowpower Semiconductor inc LP3984-2HB5F Datasheet HTML 6Page - Lowpower Semiconductor inc LP3984-2HB5F Datasheet HTML 7Page - Lowpower Semiconductor inc LP3984-2HB5F Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Preliminary Datasheet
LP3984
LP3984 – 01 Ver. 1.1 Datasheet
Jul.-2008
Page 1 of 8
300mA,Ultra-low noise, Small Package
Ultra-Fast CMOS LDO Regulator
General Description
The LP3984 is designed for portable RF and
wireless applications with demanding performance
and space requirements. The LP3984 performance
is optimized for battery-powered systems to deliver
ultra low noise and low quiescent current. A noise
bypass pin is available for further reduction of
output noise. Regulator ground current increases
only slightly in dropout, further prolonging the
battery life. The LP3984 also works with low-ESR
ceramic capacitors, reducing the amount of board
space necessary for power applications, critical in
hand-held wireless devices. The LP3984 consumes
less than 0.01µA in shutdown mode and has fast
turn-on time less than 50µs. The other features
include ultra low dropout voltage, high output
accuracy, current limiting protection, and high
ripple rejection ratio. Available in the 5-lead of
SOT23-5 packages.
Ordering Information
LP3984 - □ □ □ □
□
F: Pb-Free
Package Type
B5: SOT23-5
Output Voltage Type
12: 1.2V
15: 1.5V
18: 1.8V
25: 2.5V
28: 2.8V
2H: 2.85V
30: 3.0V
33: 3.3V
Typical Application Circuit
Features
Ultra-Low-Noise for RF Application
 
2V- 6.5V Input Voltage Range
Low Dropout : 220mV @ 300mA
 
1.2V, 1.5V, 1.8V, 2.5V, 2.8V 3.0V and 3.3V Fixed
300mA Output Current, 550mA Peak Current
High PSSR:-73dB at 1KHz 
< 0.01uA Standby Current When Shutdown
Available in SOT23-5 Package  
TTL-Logic-Controlled Shutdown Input
 
Ultra-Fast Response in Line/Load transient
 
Current Limiting and Thermal Shutdown
Protection
Quick start-up (typically 50uS)
Applications
Portable Media Players/MP3 players
Cellular and Smart mobile phone
LCD
DSC Sensor
Wireless Card
Pin Configurations
Marking Information
Please see website.
SOT23-5(Top View)


Similar Part No. - LP3984-2HB5F

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3984 NSC-LP3984 Datasheet
293Kb / 11P
Micropower, 150mA Ultra Low-Dropout CMOS Voltage Regulator in Subminiature 4-I/O micro SMD Package
logo
Texas Instruments
LP3984 TI1-LP3984 Datasheet
1Mb / 19P
Micropower 150 mA Ultra Low-Dropout CMOS Voltage Regulator in Subminiature
logo
National Semiconductor ...
LP3984IBP-1.5 NSC-LP3984IBP-1.5 Datasheet
293Kb / 11P
Micropower, 150mA Ultra Low-Dropout CMOS Voltage Regulator in Subminiature 4-I/O micro SMD Package
LP3984IBP-1.8 NSC-LP3984IBP-1.8 Datasheet
293Kb / 11P
Micropower, 150mA Ultra Low-Dropout CMOS Voltage Regulator in Subminiature 4-I/O micro SMD Package
LP3984IBP-2.0 NSC-LP3984IBP-2.0 Datasheet
293Kb / 11P
Micropower, 150mA Ultra Low-Dropout CMOS Voltage Regulator in Subminiature 4-I/O micro SMD Package
More results

Similar Description - LP3984-2HB5F

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9193 RICHTEK-RT9193 Datasheet
208Kb / 12P
300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
logo
Power IC Ltd.
PL0301 PICSEMI-PL0301 Datasheet
406Kb / 12P
300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
logo
Richtek Technology Corp...
RT9193 RICHTEK-RT9193_08 Datasheet
191Kb / 14P
300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
logo
Lowpower Semiconductor ...
LP3981 POWER-LP3981 Datasheet
348Kb / 8P
300mA,Ultra-low noise, Small Package Ultra-Fast CMOS LDO Regulator
LP3982 POWER-LP3982 Datasheet
378Kb / 8P
300mA,Ultra-low noise, Small Package Ultra-Fast CMOS LDO Regulator
logo
Leshan Radio Company
LR9193 LRC-LR9193 Datasheet
802Kb / 9P
300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
LR9198 LRC-LR9198 Datasheet
734Kb / 12P
300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
logo
Lowpower Semiconductor ...
LP3983S POWER-LP3983S Datasheet
511Kb / 8P
300mA,Ultra-low noise, Small Package Ultra-Fast CMOS LDO Regulator
logo
SHANGHAI BELLING CO., L...
BL9193 BELLING-BL9193_17 Datasheet
911Kb / 14P
300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
BL9198 BELLING-BL9198_17 Datasheet
1Mb / 14P
300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com