Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

251-12.0M-SR-25LS Datasheet(PDF) 2 Page - Oscilent Corporation

Part # 251-12.0M-SR-25LS
Description  SMD Quartz Crystal
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

251-12.0M-SR-25LS Datasheet(HTML) 2 Page - Oscilent Corporation

  251-12.0M-SR-25LS Datasheet HTML 1Page - Oscilent Corporation 251-12.0M-SR-25LS Datasheet HTML 2Page - Oscilent Corporation 251-12.0M-SR-25LS Datasheet HTML 3Page - Oscilent Corporation 251-12.0M-SR-25LS Datasheet HTML 4Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
..
.
.
-40 ~ +85°C
-
-
-
-
x
x
BT
Within a range of ±80 ~ ±120 PPM
Note: Consult factory for available frequencies
Dim. L
250 4.2mm
251 3.2mm
PART NUMBER GUIDE
Series
Number
Frequency
Load
Capacitance
Tolerance @ +25oC
Tolerance Over
Temp ( oC )
Operating
Temp ( oC )
Packaging**
250
- 12.0M
- SR
- 05
K
P
- TR
HC-49SM
250: L=4.2
251: L=3.2
See table below
for standard freq.
and enter here
e.g. 2.048M for
2.048 MHz OR
enter any desire
frequency.
Enter desired
capacitance here.
See table below
for standard load
capacitance e.g. -
20 for 20pF or
Enter SR for
Series.
Blank * = ±30 PPM
or Fill in E.G
05 = ±5 PPM
25 = ±25 PPM
Avail. = ±5 ~ ±100
Blank* = ±50 PPM
G =
±30 PPM
H=
±20 PPM
K =
±15 PPM
L =
±10 PPM
M=
±5 PPM
N=
±100 PPM
P =
0~+50
R =
-10~+60
S =
-20~+70
T =
-30~+80
W =
-40~+85
Blank* = Bulk
TR = Tape/Reel
NOTE: Deviations on all parameters available. Please consult Oscilent for details.
DEFINITIONS: Click on the characteristic names above for definitions of that particular characteristic.
*STANDARDS: "Blank" part number selections indicate standard variables for that particular characteristic.
**PACKAGING: Click on the packaging name above for tape/reel specifications
STANDARD FREQUENCIES / LOAD CAPACITANCE - FOR GUIDE ONLY/ OTHER FREQ./LOADS
AVAILABLE
FREQUENCY
LOAD (pF)
Page 2 of 4
Oscilent Corporation | 250 - 251



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com