Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ML320G2-11 Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # ML320G2-11
Description  LASER DIODES FOR INDUSTRIAL SYSTEMS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

ML320G2-11 Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  ML320G2-11 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor ML320G2-11 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor ML320G2-11 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor ML320G2-11 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MITSUBISHI
ELECTRIC
( 2 / 4 )
ML3xx2 LD SERIES
MITSUBISHI LASER DIODES
FOR INDUSTRIAL SYSTEMS
As of Oct. 2009
OUTLINE DRAWINGS
ML320G2
ML320G2
LD
(2)
(1)
(3)
CASE
φ
5.6mm
ML329G2
ML329G2
φ
3.8mm
LD
(2)
(1)
(3)
CASE
0.25±0.15
φ1.43±0.3 (P.C.D)
0.8±0.15
0.3
φ3.8 +0
-0.03
φ2.56±0.1
φ3.06±0.3
Reference plane
3-φ0.35±0.1
(1) (3) (2)
φ1.3±0.1
Dimentions in mm
φ2.0±0.3 (P. C. D. )
0.4
+0.1
-0
φ1.6±0.1
φ3.55±0.1
φ4.4
+0
-0.03
φ5.6
3-φ0.45±0.1
x
(1)
(2)
(3)
Reference plane
1.0±0.1
Dimentions in mm
+0.2
-0.3
0.2±0.08
0.4MAX



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com