Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3905L-I/SS Datasheet(PDF) 20 Page - Microchip Technology

Part # MCP3905L-I/SS
Description  Energy-Metering ICs with Active (Real) Power Pulse Output
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3905L-I/SS Datasheet(HTML) 20 Page - Microchip Technology

Back Button MCP3905L-I/SS Datasheet HTML 16Page - Microchip Technology MCP3905L-I/SS Datasheet HTML 17Page - Microchip Technology MCP3905L-I/SS Datasheet HTML 18Page - Microchip Technology MCP3905L-I/SS Datasheet HTML 19Page - Microchip Technology MCP3905L-I/SS Datasheet HTML 20Page - Microchip Technology MCP3905L-I/SS Datasheet HTML 21Page - Microchip Technology MCP3905L-I/SS Datasheet HTML 22Page - Microchip Technology MCP3905L-I/SS Datasheet HTML 23Page - Microchip Technology MCP3905L-I/SS Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
MCP3905/06
DS21948E-page 20
© 2009 Microchip Technology Inc.
The
high-frequency
output
HFOUT
has
lower
integration times and, thus, higher frequencies. The
output frequency value can be calculated with the
following equation:
EQUATION 4-2:
HFOUT FREQUENCY
OUTPUT EQUATION
The constant HFC depends on the FOUT0 and FOUT1
digital settings with the Table 4-4.
The detailed timings of the output pulses are described
in the Timing Characteristics table (see Section 1.0
“Electrical Characteristics” and Figure 1-1).
MINIMAL OUTPUT FREQUENCY FOR
NO-LOAD THRESHOLD
The MCP3905/06 also includes, on each output
frequency, a no-load threshold circuit that will eliminate
any creep effects in the meter. The outputs will not
show any pulse if the output frequency falls below the
no-load threshold. The minimum output frequency on
FOUT0/1 and HFOUT is equal to 0.0015% of the
maximum output frequency (respectively FC and HFC)
for each of the F2, F1 and F0 selections (see Table 4-3
and Table 4-4); except when F2, F1, F0 = 011. In this
last configuration, the no-load threshold feature is
disabled. The selection of FC will determine the start-up
current load. In order to respect the IEC standards
requirements, the meter will have to be designed to
allow start-up currents compatible with the standards
by
choosing
the
FC
value
matching
these
requirements. For additional applications information
on no-load threshold, startup current and other meter
design points, refer to AN994, "IEC Compliant Active
Energy
Meter
Design
Using
The
MCP3905/6”,
(DS00994).
TABLE 4-4:
OUTPUT FREQUENCY CONSTANT HFC FOR HFOUT (VREF =2.4V)
HF
OUT Hz
()
8.06
V
0
×
V
1
G
×
×
HF
C
×
V
REF
()
2
----------------------------------------------------------------
=
Where:
V0 = the RMS differential voltage on Channel 0
V1 = the RMS differential voltage on Channel 1
G = the PGA gain on Channel 0
(current channel)
FC = the frequency constant selected
VREF = the voltage reference
F2
F1
F0
HFC
HFC (Hz)
HFC (Hz)
(MCLK = 3.58 MHz)
HFOUT Frequency (Hz) with
full-scale AC Inputs
00
0
64 x FC
MCLK/215
109.25
27.21
00
1
32 x FC
MCLK/215
109.25
27.21
01
0
16 x FC
MCLK/215
109.25
27.21
01
1
2048 x FC
MCLK/27
27968.75
6070.12
10
0
128 x FC
MCLK/216
219.51
47.42
10
1
64 x FC
MCLK/216
219.51
47.42
11
0
32 x FC
MCLK/216
219.51
47.42
11
1
16 x FC
MCLK/216
219.51
47.42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com