Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP2021-500E/P Datasheet(PDF) 15 Page - Microchip Technology

Part # MCP2021-500E/P
Description  LIN Transceiver with Voltage Regulator
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2021-500E/P Datasheet(HTML) 15 Page - Microchip Technology

Back Button MCP2021-500E/P Datasheet HTML 11Page - Microchip Technology MCP2021-500E/P Datasheet HTML 12Page - Microchip Technology MCP2021-500E/P Datasheet HTML 13Page - Microchip Technology MCP2021-500E/P Datasheet HTML 14Page - Microchip Technology MCP2021-500E/P Datasheet HTML 15Page - Microchip Technology MCP2021-500E/P Datasheet HTML 16Page - Microchip Technology MCP2021-500E/P Datasheet HTML 17Page - Microchip Technology MCP2021-500E/P Datasheet HTML 18Page - Microchip Technology MCP2021-500E/P Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 46 page
background image
© 2009 Microchip Technology Inc.
DS22018E-page 15
MCP2021/2
2.0
ELECTRICAL CHARACTERISTICS
2.1
Absolute Maximum Ratings†
VIN DC Voltage on RXD and TXD ........................................................................................................ -0.3 to VREG+0.3V
VIN DC Voltage on FAULT and RESET.........................................................................................................-0.3 to +5.5V
VIN DC Voltage on CS/LWAKE.......................................................................................................................-0.3 to +43V
VBB Battery Voltage, non-operating (LIN bus recessive, no regulator load, t < 60s) .....................................-0.3 to +43V
VBB Battery Voltage, transient ISO 7637 Test 1 ......................................................................................................-200V
VBB Battery Voltage, transient ISO 7637 Test 2a ...................................................................................................+150V
VBB Battery Voltage, transient ISO 7637 Test 3a ....................................................................................................-300V
VBB Battery Voltage, transient ISO 7637 Test 3b ...................................................................................................+200V
VBB Battery Voltage, continuous ....................................................................................................................-0.3 to +30V
VLBUS Bus Voltage, continuous.......................................................................................................................-18 to +30V
VLBUS Bus Voltage, transient (Note 1) ............................................................................................................-27 to +43V
ILBUS Bus Short Circuit Current Limit .................................................................................................................... 200 mA
ESD protection on LIN, VBB (IEC 61000-4-2, 330 Ohm, 150 pF) (Note 3) .............................................. minimum ±9 kV
ESD protection on LIN, VBB (Charge Device Model) (Note 2).............................................................................. ±1500V
ESD protection on LIN, VBB (Human Body Model, 1 kOhm, 100 pF) (Note 4) ....................................................... ±8 kV
ESD protection on LIN, VBB (Machine Model) (Note 2) .......................................................................................... ±800V
ESD protection on all other pins (Human Body Model) (Note 2) ............................................................................ > 4 kV
Maximum Junction Temperature ............................................................................................................................. 150
°C
Storage Temperature .................................................................................................................................. -55 to +150
°C
Note 1: ISO 7637/1 load dump compliant (t < 500 ms).
2: According to JESD22-A114-B.
3:
According to IBEE, without bus filter.
4: Limited by Test Equipment.
† NOTICE: Stresses above those listed under “Maximum Ratings” may cause permanent damage to the device. This
is a stress rating only and functional operation of the device at those or any other conditions above those indicated in
the operational listings of this specification is not implied. Exposure to maximum rating conditions for extended periods
may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com