Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP6241RT-E/SN Datasheet(PDF) 17 Page - Microchip Technology

Part # MCP6241RT-E/SN
Description  50 關A, 550 kHz Rail-to-Rail Op Amp
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6241RT-E/SN Datasheet(HTML) 17 Page - Microchip Technology

Back Button MCP6241RT-E/SN Datasheet HTML 13Page - Microchip Technology MCP6241RT-E/SN Datasheet HTML 14Page - Microchip Technology MCP6241RT-E/SN Datasheet HTML 15Page - Microchip Technology MCP6241RT-E/SN Datasheet HTML 16Page - Microchip Technology MCP6241RT-E/SN Datasheet HTML 17Page - Microchip Technology MCP6241RT-E/SN Datasheet HTML 18Page - Microchip Technology MCP6241RT-E/SN Datasheet HTML 19Page - Microchip Technology MCP6241RT-E/SN Datasheet HTML 20Page - Microchip Technology MCP6241RT-E/SN Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
© 2008 Microchip Technology Inc.
DS21882D-page 17
MCP6241/1R/1U/2/4
6.0
PACKAGING INFORMATION
6.1
Package Marking Information
1
23
5
4
5-Lead SOT-23
(MCP6241, MCP6241R, MCP6241U)
Example:
XXNN
1
23
5
4
BQ25
Device
Code
MCP6241
BQNN
MCP6241RBRNN
MCP6241U
BSNN
Note:
Applies to 5-Lead SOT-23.
XXXXXXXX
XXXXXNNN
YYWW
8-Lead PDIP (300 mil)
MCP6242
E/P ^^256
0834
8-Lead MSOP
Example
:
XXXXXX
YWWNNN
6242E
834256
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
3
e
5-Lead SC-70
(MCP6241U Only)
Example:
XXNN
AT25
8-Lead DFN (2x3)
(MCP6241 Only)
Example:
XXX
YWW
NN
AER
834
25
Example:
MCP6242
E/P256
0818
OR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com