Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1702-1201E/MB Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP1702-1201E/MB
Description  250 mA Low Quiescent Current LDO Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1702-1201E/MB Datasheet(HTML) 5 Page - Microchip Technology

  MCP1702-1201E/MB Datasheet HTML 1Page - Microchip Technology MCP1702-1201E/MB Datasheet HTML 2Page - Microchip Technology MCP1702-1201E/MB Datasheet HTML 3Page - Microchip Technology MCP1702-1201E/MB Datasheet HTML 4Page - Microchip Technology MCP1702-1201E/MB Datasheet HTML 5Page - Microchip Technology MCP1702-1201E/MB Datasheet HTML 6Page - Microchip Technology MCP1702-1201E/MB Datasheet HTML 7Page - Microchip Technology MCP1702-1201E/MB Datasheet HTML 8Page - Microchip Technology MCP1702-1201E/MB Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
© 2009 Microchip Technology Inc.
DS22008D-page 5
MCP1702
TEMPERATURE SPECIFICATIONS (NOTE 1)
Parameters
Sym
Min
Typ
Max
Units
Conditions
Temperature Ranges
Operating Junction Temperature Range
TJ
-40
+125
°C
Steady State
Maximum Junction Temperature
TJ
—
+150
°C
Transient
Storage Temperature Range
TA
-65
+150
°C
Thermal Package Resistance (Note 2)
Thermal Resistance, 3L-SOT-23A
θ
JA
—336
—
°C/W
EIA/JEDEC JESD51-7
FR-4 0.063 4-Layer Board
θ
JC
—110
—
°C/W
Thermal Resistance, 3L-SOT-89
θ
JA
—
153.3
—
°C/W
EIA/JEDEC JESD51-7
FR-4 0.063 4-Layer Board
θ
JC
—100
—
°C/W
Thermal Resistance, 3L-TO-92
θ
JA
—
131.9
—
°C/W
θ
JC
—
66.3
—
°C/W
Note 1: The maximum allowable power dissipation is a function of ambient temperature, the maximum allowable junction
temperature and the thermal resistance from junction to air (i.e., TA, TJ, θJA). Exceeding the maximum allowable power
dissipation will cause the device operating junction temperature to exceed the maximum 150°C rating. Sustained
junction temperatures above 150°C can impact the device reliability.
2:
Thermal Resistance values are subject to change. Please visit the Microchip Website for the latest packaging
information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com