Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1702T-1202E/TO Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP1702T-1202E/TO
Description  250 mA Low Quiescent Current LDO Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1702T-1202E/TO Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP1702T-1202E/TO Datasheet HTML 5Page - Microchip Technology MCP1702T-1202E/TO Datasheet HTML 6Page - Microchip Technology MCP1702T-1202E/TO Datasheet HTML 7Page - Microchip Technology MCP1702T-1202E/TO Datasheet HTML 8Page - Microchip Technology MCP1702T-1202E/TO Datasheet HTML 9Page - Microchip Technology MCP1702T-1202E/TO Datasheet HTML 10Page - Microchip Technology MCP1702T-1202E/TO Datasheet HTML 11Page - Microchip Technology MCP1702T-1202E/TO Datasheet HTML 12Page - Microchip Technology MCP1702T-1202E/TO Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
© 2009 Microchip Technology Inc.
DS22008D-page 9
MCP1702
Note: Unless otherwise indicated: V
R = 2.8V, COUT = 1 µF Ceramic (X7R), CIN = 1 µF Ceramic (X7R), IL = 100 µA,
TA = +25°C, VIN = VOUT(MAX) + VDROPOUT(MAX).
FIGURE 2-13:
Dropout Voltage vs. Load
Current.
FIGURE 2-14:
Dropout Voltage vs. Load
Current.
FIGURE 2-15:
Dropout Voltage vs. Load
Current.
FIGURE 2-16:
Dynamic Line Response.
FIGURE 2-17:
Dynamic Line Response.
FIGURE 2-18:
Short Circuit Current vs.
Input Voltage.
0.60
0.70
0.80
0.90
1.00
1.10
1.20
1.30
1.40
100
120
140
160
180
200
Load Current (mA)
VOUT = 1.8V
+25°C
+130°C
-45°C
0°C
+90°C
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0.80
0.90
1.00
0
25
50
75 100 125 150 175 200 225 250
Load Current (mA)
VOUT = 2.8V
+25°C
+130°C
+0°C
-45°C
+90°C
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0
25
50
75 100 125 150 175 200 225 250
Load Current (mA)
VOUT = 5.0V
+25°C
+130°C
+0°C
-45°C
+90°C
0.00
100.00
200.00
300.00
400.00
500.00
600.00
4
6
8
10
12
14
Input Voltage (V)
VOUT = 2.8V
ROUT < 0.1Ÿ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com