Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3425 Datasheet(PDF) 20 Page - Microchip Technology

Part # MCP3425
Description  16-Bit Analog-to-Digital Converter with I2C Interface and On-Board Reference
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3425 Datasheet(HTML) 20 Page - Microchip Technology

Back Button MCP3425 Datasheet HTML 16Page - Microchip Technology MCP3425 Datasheet HTML 17Page - Microchip Technology MCP3425 Datasheet HTML 18Page - Microchip Technology MCP3425 Datasheet HTML 19Page - Microchip Technology MCP3425 Datasheet HTML 20Page - Microchip Technology MCP3425 Datasheet HTML 21Page - Microchip Technology MCP3425 Datasheet HTML 22Page - Microchip Technology MCP3425 Datasheet HTML 23Page - Microchip Technology MCP3425 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
MCP3425
DS22072B-page 20
© 2009 Microchip Technology Inc.
5.6.5
ACKNOWLEDGE AND NON-
ACKNOWLEDGE
The Master (microcontroller) and the slave (MCP3425)
use an acknowledge pulse as a hand shake of
communication for each byte. The ninth clock pulse of
each byte is used for the acknowledgement. The clock
pulse
is
always
provided
by
the
Master
(microcontroller) and the acknowledgement is issued
by the receiving device of the byte (Note: The
transmitting device must release the SDA line during
the acknowledge pulse.). The acknowledgement is
achieved by pulling-down the SDA line “LOW” during
the 9th clock pulse by the receiving device.
During
reads,
the
Master
(microcontroller)
can
terminate the current read operation by not providing
an acknowledge bit (not Acknowledge (NAK)) on the
last byte. In this case, the MCP3425 device releases
the SDA line to allow the Master (microcontroller) to
generate a STOP or repeated START condition.
The
non-acknowledgement
(NAK)
is
issued
by
providing the SDA line to “HIGH” during the 9th clock
pulse.
FIGURE 5-5:
Data Transfer Sequence on I2C Serial Bus.
SCL
SDA
(A)
(B)
(D)
(D)
(A)
(C)
START
CONDITION
ADDRESS OR
ACKNOWLEDGE
VALID
DATA
ALLOWED
TO CHANGE
STOP
CONDITION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com