Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

11AA020T-I/MS Datasheet(PDF) 35 Page - Microchip Technology

Part # 11AA020T-I/MS
Description  1K-16K UNI/O짰 Serial EEPROM Family Data Sheet
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

11AA020T-I/MS Datasheet(HTML) 35 Page - Microchip Technology

Back Button 11AA020T-I/MS Datasheet HTML 30Page - Microchip Technology 11AA020T-I/MS Datasheet HTML 31Page - Microchip Technology 11AA020T-I/MS Datasheet HTML 32Page - Microchip Technology 11AA020T-I/MS Datasheet HTML 33Page - Microchip Technology 11AA020T-I/MS Datasheet HTML 34Page - Microchip Technology 11AA020T-I/MS Datasheet HTML 35Page - Microchip Technology 11AA020T-I/MS Datasheet HTML 36Page - Microchip Technology 11AA020T-I/MS Datasheet HTML 37Page - Microchip Technology 11AA020T-I/MS Datasheet HTML 38Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 35 / 38 page
background image
© 2008 Microchip Technology Inc.
Preliminary
DS22067E-page 35
11AAXXX/11LCXXX
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
X
X
/XXX
Package
Temperature
Tape & Reel
Device
Device:
11AA010 =
1 Kbit, 1.8V UNI/O Serial EEPROM
11LC010 =
1 Kbit, 2.5V UNI/O Serial EEPROM
11AA020 =
2 Kbit, 1.8V UNI/O Serial EEPROM
11LC020 =
2 Kbit, 2.5V UNI/O Serial EEPROM
11AA040 =
4 Kbit, 1.8V UNI/O Serial EEPROM
11LC040 =
4 Kbit, 2.5V UNI/O Serial EEPROM
11AA080 =
8 Kbit, 1.8V UNI/O Serial EEPROM
11LC080 =
8 Kbit, 2.5V UNI/O Serial EEPROM
11AA160 =
16 Kbit, 1.8V UNI/O Serial EEPROM
11LC160 =
16 Kbit, 2.5V UNI/O Serial EEPROM
Tape & Reel:
T
=
Tape and Reel
Blank
=
Tube
Temperature
Range:
I= -40
°C to +85°C
(Industrial)
E= -40
°C to +125°C
(Extended)
Package:
P
=
8-lead Plastic DIP (300 mil body)
SN
=
8-lead Plastic SOIC (3.90 mm body)
MS
=
8-lead Plastic Micro Small Outline (MSOP)
MNY(1) =
8-lead 2x3 mm TDFN
TT
=
3-lead SOT 23 (Tape and Reel only)
Examples:
a)
11AA010-I/P = 1 Kbit, 1.8V Serial EEPROM,
Industrial temp., PDIP package
b)
11LC160T-E/TT = 16 Kbit, 2.5V Serial
EEPROM, Extended temp., Tape & Reel,
SOT-23 package
c)
11AA080-I/MS = 8 Kbit, 1.8V Serial EEPROM,
Industrial temp., MSOP package
d)
11LC020T-I/SN = 2 Kbit, 2.5V Serial EEPROM,
Industrial temp., Tape & Reel, SOIC package
e)
11AA040T-I/MNY
=
4
Kbit,
1.8V
Serial
EEPROM, Industrial temp., Tape and Reel,
2x3 mm TDFN package, Nickel Palladium Gold
finish
Range
Note
1:
“Y” indicates a Nickel Palladium Gold (NiPdAu) finish.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com