Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

11AA020T-E/MS Datasheet(PDF) 18 Page - Microchip Technology

Part # 11AA020T-E/MS
Description  1K-16K UNI/O짰 Serial EEPROM Family Data Sheet
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

11AA020T-E/MS Datasheet(HTML) 18 Page - Microchip Technology

Back Button 11AA020T-E/MS Datasheet HTML 14Page - Microchip Technology 11AA020T-E/MS Datasheet HTML 15Page - Microchip Technology 11AA020T-E/MS Datasheet HTML 16Page - Microchip Technology 11AA020T-E/MS Datasheet HTML 17Page - Microchip Technology 11AA020T-E/MS Datasheet HTML 18Page - Microchip Technology 11AA020T-E/MS Datasheet HTML 19Page - Microchip Technology 11AA020T-E/MS Datasheet HTML 20Page - Microchip Technology 11AA020T-E/MS Datasheet HTML 21Page - Microchip Technology 11AA020T-E/MS Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
11AAXXX/11LCXXX
DS22067E-page 18
Preliminary
© 2008 Microchip Technology Inc.
7.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 7-1.
TABLE 7-1:
PIN FUNCTION TABLE
7.1
Serial Clock, Data Input/Output
(SCIO)
SCIO is a bidirectional pin used to transfer commands
and addresses into, as well as data into and out of, the
device. The serial clock is embedded into the data
stream through Manchester encoding. Each bit is rep-
resented by a signal transition at the middle of the bit
period.
Name
3-pin SOT-23
8-pin PDIP/SOIC/
MSOP/TDFN
Description
SCIO
1
5
Serial Clock, Data Input/Output
VCC
2
8
Supply Voltage
VSS
3
4
Ground
NC
—
1,2,3,6,7
No Internal Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com