Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

11AA020-E/MS Datasheet(PDF) 14 Page - Microchip Technology

Part # 11AA020-E/MS
Description  1K-16K UNI/O짰 Serial EEPROM Family Data Sheet
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

11AA020-E/MS Datasheet(HTML) 14 Page - Microchip Technology

Back Button 11AA020-E/MS Datasheet HTML 10Page - Microchip Technology 11AA020-E/MS Datasheet HTML 11Page - Microchip Technology 11AA020-E/MS Datasheet HTML 12Page - Microchip Technology 11AA020-E/MS Datasheet HTML 13Page - Microchip Technology 11AA020-E/MS Datasheet HTML 14Page - Microchip Technology 11AA020-E/MS Datasheet HTML 15Page - Microchip Technology 11AA020-E/MS Datasheet HTML 16Page - Microchip Technology 11AA020-E/MS Datasheet HTML 17Page - Microchip Technology 11AA020-E/MS Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
11AAXXX/11LCXXX
DS22067E-page 14
Preliminary
© 2008 Microchip Technology Inc.
4.5
Read Status Register (RDSR)
Instruction
The RDSR instruction provides access to the STATUS
register. The STATUS register may be read at any time,
even during a write cycle. The STATUS register is
formatted as follows:
The Write-In-Process (WIP) bit indicates whether the
11XX is busy with a write operation. When set to a ‘1’,
a write is in progress, when set to a ‘0’, no write is in
progress. This bit is read-only.
The Write Enable Latch (WEL) bit indicates the status
of the write enable latch. When set to a ‘1’, the latch
allows writes to the array, when set to a ‘0’, the latch
prohibits writes to the array. This bit is set and cleared
using the WREN and WRDI instructions, respectively.
This bit is read-only for any other instruction.
The Block Protection (BP0 and BP1) bits indicate
which blocks are currently write-protected. These bits
are set by the user through the WRSR instruction.
These bits are nonvolatile.
The WIP and WEL bits will update dynamically (asyn-
chronous to issuing the RDSR instruction). Further-
more, after the STATUS register data is received, the
master can provide a MAK during the Acknowledge
sequence to request that the data be transmitted again.
This allows the master to continuously monitor the WIP
and WEL bits without the need to issue another full
command.
Once the master is finished, it provides a NoMAK to
end the operation.
FIGURE 4-6:
READ STATUS REGISTER COMMAND SEQUENCE
7654
3
2
1
0
XXXX
BP1
BP0
WEL
WIP
Note: Bits 4-7 are don’t cares, and will read as ‘0’.
Note: If Read Status Register command is
initiated while the 11XX is currently
executing an internal write cycle on the
STATUS
register,
the
new
Block
Protection bit values will be read during
the entire command.
Note: The current drawn for a Read Status
Register command during a write cycle
is a combination of the ICC Read and ICC
Write operating currents.
11
0
1
0
1
00
Start Header
SCIO
Device Address
00
0
0
1
0
10
Command
11
0
0
0
0
00
Standby Pulse
SCIO
STATUS Register Data
32 1 0
The STATUS register data can continuously be read, or polled, by transmitting a MAK in place of the NoMAK.
Note:
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com