Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP73871 Datasheet(PDF) 12 Page - Microchip Technology

Part # MCP73871
Description  Stand-Alone System Load Sharing and Li-Ion / Li-Polymer Battery Charge Management Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73871 Datasheet(HTML) 12 Page - Microchip Technology

Back Button MCP73871 Datasheet HTML 8Page - Microchip Technology MCP73871 Datasheet HTML 9Page - Microchip Technology MCP73871 Datasheet HTML 10Page - Microchip Technology MCP73871 Datasheet HTML 11Page - Microchip Technology MCP73871 Datasheet HTML 12Page - Microchip Technology MCP73871 Datasheet HTML 13Page - Microchip Technology MCP73871 Datasheet HTML 14Page - Microchip Technology MCP73871 Datasheet HTML 15Page - Microchip Technology MCP73871 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
MCP73871
DS22090B-page 12
© 2009 Microchip Technology Inc.
Note: Unless otherwise indicated, V
IN = [VREG(typical) + 1V], IOUT = 10 mA and TA= +25°C, Constant-voltage mode.
FIGURE 2-19:
Power Supply Ripple
Rejection (PSRR).
FIGURE 2-20:
Line Transient Response.
IOUT = 100 mA.
FIGURE 2-21:
Line Transient Response.
IOUT = 500 mA.
FIGURE 2-22:
Load Transient Response.
IOUT = 100 mA.
FIGURE 2-23:
Load Transient Response.
IOUT = 500 mA.
FIGURE 2-24:
Undervoltage Lockout.
-60
-50
-40
-30
-20
-10
0
0.01
0.1
1
10
100
1000
Frequency (kHz)
IOUT = 10 mA
4.5
5
5.5
6
6.5
7
7.5
8
8.5
9
-0.0008 -0.0006 -0.0004 -0.0002
0
0.0002
Time (s)
-0.7
-0.5
-0.3
-0.1
0.1
0.3
IOUT = 100 mA
4
4.5
5
5.5
6
6.5
7
7.5
8
8.5
9
-0.0008 -0.0006 -0.0004 -0.0002
0
0.0002
Time (s)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
IOUT = 500 mA
-0.2
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
-0.001
0
0.001
0.002
0.003
0.004
Time (s)
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
IOUT = 100 mA
-0.2
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
0.
00
07
5
0.
00
11
5
0.
00
15
5
0.
00
19
5
0.
00
23
5
0.
00
27
5
Time (s)
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
IOUT = 500 mA
Time (ms)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com