Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP4142T-502E/MS Datasheet(PDF) 26 Page - Microchip Technology

Part # MCP4142T-502E/MS
Description  7/8-Bit Single/Dual SPI Digital POT with Non-Volatile Memory
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4142T-502E/MS Datasheet(HTML) 26 Page - Microchip Technology

Back Button MCP4142T-502E/MS Datasheet HTML 22Page - Microchip Technology MCP4142T-502E/MS Datasheet HTML 23Page - Microchip Technology MCP4142T-502E/MS Datasheet HTML 24Page - Microchip Technology MCP4142T-502E/MS Datasheet HTML 25Page - Microchip Technology MCP4142T-502E/MS Datasheet HTML 26Page - Microchip Technology MCP4142T-502E/MS Datasheet HTML 27Page - Microchip Technology MCP4142T-502E/MS Datasheet HTML 28Page - Microchip Technology MCP4142T-502E/MS Datasheet HTML 29Page - Microchip Technology MCP4142T-502E/MS Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 88 page
background image
MCP414X/416X/424X/426X
DS22059B-page 26
© 2008 Microchip Technology Inc.
Note:
Unless otherwise indicated, TA = +25°C,
VDD =5V, VSS = 0V.
FIGURE 2-55:
Nominal EEPROM Write
Cycle Time vs. VDD and Temperature.
FIGURE 2-56:
POR/BOR Trip point vs. VDD
and Temperature.
FIGURE 2-57:
SCK Input Frequency vs.
Voltage and Temperature.
2.1
Test Circuits
FIGURE 2-58:
-3 db Gain vs. Frequency
Test.
3.0
3.2
3.4
3.6
3.8
4.0
4.2
-40
0
40
80
120
Temperature (°C)
0
0.2
0.4
0.6
0.8
1
1.2
-40
0
40
80
120
Temperature (°C)
2.7V
5.5V
12.0
12.5
13.0
13.5
14.0
14.5
15.0
-40
0
40
80
120
Temperature (°C)
2.7V
5.5V
+
-
VOUT
2.5V DC
+5V
A
B
W
Offset
GND
VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com