Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP23018 Datasheet(PDF) 42 Page - Microchip Technology

Part # MCP23018
Description  16-Bit I/O Expander with Open-Drain Outputs
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP23018 Datasheet(HTML) 42 Page - Microchip Technology

Back Button MCP23018 Datasheet HTML 38Page - Microchip Technology MCP23018 Datasheet HTML 39Page - Microchip Technology MCP23018 Datasheet HTML 40Page - Microchip Technology MCP23018 Datasheet HTML 41Page - Microchip Technology MCP23018 Datasheet HTML 42Page - Microchip Technology MCP23018 Datasheet HTML 43Page - Microchip Technology MCP23018 Datasheet HTML 44Page - Microchip Technology MCP23018 Datasheet HTML 45Page - Microchip Technology MCP23018 Datasheet HTML 46Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 56 page
background image
MCP23018/MCP23S18
DS22103A-page 42
© 2008 Microchip Technology Inc.
TABLE 2-5:
SPI INTERFACE AC CHARACTERISTICS
FIGURE 2-9:
TYPICAL PERFORMANCE CURVE FOR SPI TV SPECIFICATION (PARAM #12)
SPI Interface AC Characteristics
Operating Conditions (unless otherwise indicated):
1.8V
≤ VDD ≤ 5.5V at -40°C ≤ TA ≤ +125°C.
Param
No.
Characteristic
Sym
Min
Typ
Max
Units
Conditions
Clock Frequency
FCLK
—
—
10
MHz
1.8V – 5.5V
1CS Setup Time
TCSS
50
—
—
ns
2CS Hold Time
TCSH
50
—
—
ns
1.8V – 5.5V
3CS Disable Time
TCSD
50
—
—
ns
1.8V – 5.5V
4
Data Setup Time
TSU
10
—
—
ns
1.8V – 5.5V
5
Data Hold Time
THD
10
—
—
ns
1.8V – 5.5V
6
CLK Rise Time
TR
——
2
µs
Note 1
7
CLK Fall Time
TF
——
2
µs
Note 1
8
Clock High Time
THI
45
—
—
ns
1.8V – 5.5V
9
Clock Low Time
TLO
45
—
—
ns
1.8V – 5.5V
10
Clock Delay Time
TCLD
50
—
—
ns
11
Clock Enable Time
TCLE
50
—
—
ns
12
Output Valid from Clock
Low
TV
—
—
45
ns
1.8V – 5.5V
13
Output Hold Time
THO
0—
—
ns
14
Output Disable Time
TDIS
—
—
100
ns
Note 1:
This parameter is characterized, not 100% tested.
TV vs VDD
0
5
10
15
20
25
30
35
40
1.5
2
2.5
3
3.5
4
4.5
5
5.5
VDD (V)
T = -40°C
T = +25°C
T = +125°C
T = +85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com