Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP23018T Datasheet(PDF) 33 Page - Microchip Technology

Part # MCP23018T
Description  16-Bit I/O Expander with Open-Drain Outputs
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP23018T Datasheet(HTML) 33 Page - Microchip Technology

Back Button MCP23018T Datasheet HTML 29Page - Microchip Technology MCP23018T Datasheet HTML 30Page - Microchip Technology MCP23018T Datasheet HTML 31Page - Microchip Technology MCP23018T Datasheet HTML 32Page - Microchip Technology MCP23018T Datasheet HTML 33Page - Microchip Technology MCP23018T Datasheet HTML 34Page - Microchip Technology MCP23018T Datasheet HTML 35Page - Microchip Technology MCP23018T Datasheet HTML 36Page - Microchip Technology MCP23018T Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 56 page
background image
© 2008 Microchip Technology Inc.
DS22103A-page 33
MCP23018/MCP23S18
2.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings (†)
Ambient temperature under bias............................................................................................................ .-40°C to +125°C
Storage temperature .............................................................................................................................. -65°C to +150°C
Voltage on VDD with respect to VSS ......................................................................................................... -0.3V to +7.0V
Voltage on RESET with respect to VSS ..................................................................................................... -0.3V to +14V
Voltage on all other pins with respect to VSS (except VDDand GPIOA/B) ...................................... -0.6V to (VDD + 0.6V)
Voltage on GPIO Pins: ................................................................................................................................. -0.6V to 5.5V
Total power dissipation (Note 1)...........................................................................................................................700 mW
Maximum current out of VSS pin ...........................................................................................................................400 mA
Maximum current into VDD pin .............................................................................................................................. 125 mA
Input clamp current, IIK (VI < 0 or VI > VDD)
...................................................................................................................... ±20 mA
Output clamp current, IOK (VO < 0 or VO > VDD)
.............................................................................................................. ±20 mA
Maximum output current sunk by any Output pin....................................................................................................25 mA
Maximum output current sunk by any Output pin (VDD = 1.8V) ..............................................................................10 mA
Maximum output current sourced by any Output pin ..............................................................................................25 mA
Maximum output current sourced by any Output pin (VDD = 1.8V) .........................................................................10 mA
Note:
Power dissipation is calculated as follows:
Pdis = VDD x {IDD -
∑ IOH} + ∑ {(VDD-VOH) x IOH} + ∑(VOL x IOL)
† NOTICE: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at those or any other conditions above those
indicated in the operation listings of this specification is not implied. Exposure to maximum rating conditions for
extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com