Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP23018-E/MJ Datasheet(PDF) 53 Page - Microchip Technology

Part # MCP23018-E/MJ
Description  16-Bit I/O Expander with Open-Drain Outputs
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP23018-E/MJ Datasheet(HTML) 53 Page - Microchip Technology

Back Button MCP23018-E/MJ Datasheet HTML 48Page - Microchip Technology MCP23018-E/MJ Datasheet HTML 49Page - Microchip Technology MCP23018-E/MJ Datasheet HTML 50Page - Microchip Technology MCP23018-E/MJ Datasheet HTML 51Page - Microchip Technology MCP23018-E/MJ Datasheet HTML 52Page - Microchip Technology MCP23018-E/MJ Datasheet HTML 53Page - Microchip Technology MCP23018-E/MJ Datasheet HTML 54Page - Microchip Technology MCP23018-E/MJ Datasheet HTML 55Page - Microchip Technology MCP23018-E/MJ Datasheet HTML 56Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 53 / 56 page
background image
© 2008 Microchip Technology Inc.
DS22103A-page 53
MCP23018/MCP23S18
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device
MCP23018:
16-Bit I/O Expander w/ I2C™ Inter-
face
MCP23018T:
16-Bit I/O Expander w/ I2C Interface
(Tape and Reel)
MCP23S18:
16-Bit I/O Expander w/ SPI Interface
MCP23S18T:
16-Bit I/O Expander w/ SPI Interface
(Tape and Reel)
Temperature
Range
E= -40
°C to +125°C (Extended) *
Package
MJ
= Plastic Quad Flat, No Lead Package
(4x4x0.9 mm Body), 24-Lead
SP
= Skinny Plastic DIP (300 mil Body), 28-Lead
SO
= Plastic SOIC (300 mil Body), 28-Lead
SS
= SSOP, (209 mil Body, 5.30 mm), 24-Lead
PART NO.
X
/XX
Package
Temperature
Range
Device
Examples:
a)
MCP23018-E/SP:
Extended Temp.,
28LD SPDIP package.
b)
MCP23018-E/SO:
Extended Temp.,
28LD SOIC package.
c)
MCP23018T-E/SO: Tape and Reel,
Extended Temp.,
28LD SOIC package.
d)
MCP23018-E/SS:
Extended Temp.,
24LD SSOP package.
e)
MCP23018T-E/SS: Tape and Reel,
Extended Temp.,
24LD SSOP package.
f)
MCP23018-E/MJ:
Extended Temp.,
24LD QFN package.
a)
MCP23S18-E/SP:
Extended Temp.,
28LD SPDIP package.
b)
MCP23S18-E/SO:
Extended Temp.,
28LD SOIC package.
c)
MCP23S18T-E/SO: Tape and Reel,
Extended Temp.,
28LD SOIC package.
d)
MCP23S18T-E/MJ: Tape and Reel,
Extended Temp.,
24LD QFN package.
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com