Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP23018T-E/MJ Datasheet(PDF) 30 Page - Microchip Technology

Part # MCP23018T-E/MJ
Description  16-Bit I/O Expander with Open-Drain Outputs
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP23018T-E/MJ Datasheet(HTML) 30 Page - Microchip Technology

Back Button MCP23018T-E/MJ Datasheet HTML 26Page - Microchip Technology MCP23018T-E/MJ Datasheet HTML 27Page - Microchip Technology MCP23018T-E/MJ Datasheet HTML 28Page - Microchip Technology MCP23018T-E/MJ Datasheet HTML 29Page - Microchip Technology MCP23018T-E/MJ Datasheet HTML 30Page - Microchip Technology MCP23018T-E/MJ Datasheet HTML 31Page - Microchip Technology MCP23018T-E/MJ Datasheet HTML 32Page - Microchip Technology MCP23018T-E/MJ Datasheet HTML 33Page - Microchip Technology MCP23018T-E/MJ Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 56 page
background image
MCP23018/MCP23S18
DS22103A-page 30
© 2008 Microchip Technology Inc.
1.7
Interrupt Logic
If enabled, the MCP23X18 activates the INTn interrupt
output when one of the port pins changes state or when
a pin does not match the pre-configured default. Each
pin is individually configurable as follows:
• Enable/disable interrupt via GPINTEN
• Can interrupt on either pin change or change from
default as configured in DEFVAL
Both conditions are referred to as Interrupt on Change
(IOC).
The Interrupt Control (INT) Module uses the following
registers/bits:
• IOCON.MIRROR - controls if the two interrupt
pins mirror each other.
• GPINTEN - Interrupt enable register
• INTCON - Controls the source for the IOC
• DEFVAL - Contains the register default for IOC
operation
1.7.1
INTA AND INTB
There are two interrupt pins, INTA and INTB. By
default, INTA is associated with GPAn pins (Port A) and
INTB is associated with GPBn pins (Port B). Each port
has an independent signal which is cleared if its
associated GPIO or INTCAP register is read.
1.7.1.1
Mirroring the INT pins
Additionally, the INTn pins can be configured to mirror
each other so that any interrupt will cause both pins to
go active. This is controlled via IOCON.MIRROR.
If IOCON.MIRROR = 0, the internal signals are routed
independently to the INTA and INTB pads.
If IOCON.MIRROR = 1, the internal signals are OR’ed
together and routed to the INTn pads. In this case, the
interrupt will only be cleared if the associated GPIO or
INTCAP is read (see Table 1-6).
TABLE 1-6:
INTERRUPT OPERATION
(IOCON.MIRROR = 1)
1.7.2
IOC FROM PIN CHANGE
If enabled, the MCP23X18 will generate an interrupt if
a mismatch condition exists between the current port
value and the previous port value. Only IOC enabled
pins will be compared. See GPINTEN and INTCON
registers.
1.7.3
IOC FROM REGISTER DEFAULT
If enabled, the MCP23X18 will generate an interrupt if
a mismatch occurs between the DEFVAL register and
the port. Only IOC enabled pins will be compared. See
GPINTEN, INTCON, and DEFVAL registers.
1.7.4
INTERRUPT OPERATION
The INTn interrupt output can be configured as “active
low”, “active high”, or “open drain” via the IOCON
register.
Only those pins that are configured as an input (IODIR
register)
with
interrupt-on-change
(IOC)
enabled
(GPINTEN register) can cause an interrupt. Pins
defined as an output have no effect on the interrupt
output pin.
Input change activity on a port input pin that is enabled
for IOC will generate an internal device interrupt and
the device will capture the value of the port and copy it
into INTCAP.
The first interrupt event will cause the port contents to
be copied into the INTCAP register. Subsequent
interrupt conditions on the port will not cause an
interrupt to occur as long as the interrupt is not cleared
by a read of INTCAP or GPIO.
1.7.5
CLEARING INTERRUPTS
The interrupt will remain active until the INTCAP or
GPIO register is read (depending on IOCON.INTCC).
Writing to these registers will not affect the interrupt.
The interrupt condition will be cleared after the LSb of
the data is clocked out during a Read command of
GPIO or INTCAP (depending on IOCON.INTCC).
Interrupt
Condition
Read Port N*
Interupt
Result
GPIOA
Port A
Clear
Port B
Unchanged
GPIOB
Port A
Unchanged
Port B
Clear
GPIOA and
GPIOB
Port A
Unchanged
Port B
Unchanged
Both Port A
and Port B
Clear
* Port n = GPIOn or INTCAPn
Note:
Assuming IOCON.INTCC = 0 (INT cleared
on GPIO read): The value in INTCAP can
be lost if GPIO is read before INTCAP
while another IOC is pending. After read-
ing GPIO, the interrupt will clear and then
set due to the pending IOC, causing the
INTCAP register to update.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com