| Electronic Components Datasheet Search |
|
MCP4541-503E/ST Datasheet(PDF) 10 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP4541-503E/ST Datasheet(HTML) 10 Page - Microchip Technology |
|
10 / 92 page ![]() MCP454X/456X/464X/466X DS22107A-page 10 © 2008 Microchip Technology Inc. Rheostat Differential Non-linearity MCP45X1 (Note 4, Note 8) MCP4XX2 devices only (Note 4) R-DNL -0.5 ±0.25 +0.5 LSb 5 k Ω 8-bit 5.5V, IW = 900 µA -1.0 +0.5 +1.0 LSb 3.0V, IW = 480 µA (Note 7) -0.375 ±0.25 +0.375 LSb 7-bit 5.5V, IW = 900 µA -0.75 +0.5 +0.75 LSb 3.0V, IW = 480 µA (Note 7) -0.5 ±0.25 +0.5 LSb 10 k Ω 8-bit 5.5V, IW = 450 µA -1.0 +0.25 +1.0 LSb 3.0V, IW = 240 µA (Note 7) -0.375 ±0.25 +0.375 LSb 7-bit 5.5V, IW = 450 µA -0.75 +0.5 +0.75 LSb 3.0V, IW = 240 µA (Note 7) -0.5 ±0.25 +0.5 LSb 50 k Ω 8-bit 5.5V, IW = 90 µA -0.5 ±0.25 +0.5 LSb 3.0V, IW = 48 µA (Note 7) -0.375 ±0.25 +0.375 LSb 7-bit 5.5V, IW = 90 µA -0.375 ±0.25 +0.375 LSb 3.0V, IW = 48 µA (Note 7) -0.5 ±0.25 +0.5 LSb 100 k Ω 8-bit 5.5V, IW = 45 µA -0.5 ±0.25 +0.5 LSb 3.0V, IW = 24 µA (Note 7) -0.375 ±0.25 +0.375 LSb 7-bit 5.5V, IW = 45 µA -0.375 ±0.25 +0.375 LSb 3.0V, IW = 24 µA (Note 7) Capacitance (PA)CAW — 75 — pF f =1 MHz, Code = Full-Scale Capacitance (Pw)CW — 120 — pF f =1 MHz, Code = Full-Scale Capacitance (PB)CBW — 75 — pF f =1 MHz, Code = Full-Scale AC/DC CHARACTERISTICS (CONTINUED) DC Characteristics Standard Operating Conditions (unless otherwise specified) Operating Temperature –40°C ≤ T A ≤ +125°C (extended) All parameters apply across the specified operating ranges unless noted. VDD = +2.7V to 5.5V, 5 kΩ, 10 kΩ, 50 kΩ, 100 kΩ devices. Typical specifications represent values for VDD = 5.5V, TA = +25°C. Parameters Sym Min Typ Max Units Conditions Note 1: Resistance is defined as the resistance between terminal A to terminal B. 2: INL and DNL are measured at VW with VA = VDD and VB = VSS. 3: MCP4XX1 only. 4: MCP4XX2 only, includes VWZSE and VWFSE. 5: Resistor terminals A, W and B’s polarity with respect to each other is not restricted. 6: This specification by design. 7: Non-linearity is affected by wiper resistance (RW), which changes significantly overvoltage and temperature. 8: The MCP4XX1 is externally connected to match the configurations of the MCP45X2 and MCP46X2, and then tested. 9: POR/BOR is not rate dependent. 10: Supply current is independent of current through the resistor network 11: When HVC/A0 = VIHH, the IDD current is less due to current into the HVC/A0 pin. See IPU specification |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |