Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP652T-E/SN Datasheet(PDF) 31 Page - Microchip Technology

Part # MCP652T-E/SN
Description  50 MHz, 6 mA Op Amps with mCal
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP652T-E/SN Datasheet(HTML) 31 Page - Microchip Technology

Back Button MCP652T-E/SN Datasheet HTML 27Page - Microchip Technology MCP652T-E/SN Datasheet HTML 28Page - Microchip Technology MCP652T-E/SN Datasheet HTML 29Page - Microchip Technology MCP652T-E/SN Datasheet HTML 30Page - Microchip Technology MCP652T-E/SN Datasheet HTML 31Page - Microchip Technology MCP652T-E/SN Datasheet HTML 32Page - Microchip Technology MCP652T-E/SN Datasheet HTML 33Page - Microchip Technology MCP652T-E/SN Datasheet HTML 34Page - Microchip Technology MCP652T-E/SN Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 44 page
background image
© 2009 Microchip Technology Inc.
DS22146A-page 31
MCP651/2/5
6.0
PACKAGING INFORMATION
6.1
Package Marking Information
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
8-Lead SOIC (150 mil) (MCP651, MCP652)
Example
:
XXXXXXXX
XXXXYYWW
NNN
MCP651E
SN
0910
256
3
e
8-Lead DFN (3x3) (MCP652)
Example:
XXXX
YYWW
NNN
DABP
0913
256
Device
Code
MCP652
DABP
Note: Applies to 8-Lead
3x3 DFN
10-Lead DFN (3x3) (MCP655)
10-Lead MSOP (MCP655)
Example:
XXXXXX
YWWNNN
655EUN
910256
Example:
XXXX
YYWW
NNN
BAFC
0910
256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com