Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP4152T-104I/MF Datasheet(PDF) 34 Page - Microchip Technology

Part # MCP4152T-104I/MF
Description  7/8-Bit Single/Dual SPI Digital POT with Volatile Memory
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4152T-104I/MF Datasheet(HTML) 34 Page - Microchip Technology

Back Button MCP4152T-104I/MF Datasheet HTML 30Page - Microchip Technology MCP4152T-104I/MF Datasheet HTML 31Page - Microchip Technology MCP4152T-104I/MF Datasheet HTML 32Page - Microchip Technology MCP4152T-104I/MF Datasheet HTML 33Page - Microchip Technology MCP4152T-104I/MF Datasheet HTML 34Page - Microchip Technology MCP4152T-104I/MF Datasheet HTML 35Page - Microchip Technology MCP4152T-104I/MF Datasheet HTML 36Page - Microchip Technology MCP4152T-104I/MF Datasheet HTML 37Page - Microchip Technology MCP4152T-104I/MF Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 88 page
background image
MCP413X/415X/423X/425X
DS22060B-page 34
© 2008 Microchip Technology Inc.
4.2.1.1
Status (STATUS) Register
This register contains 5 status bits. These bits show the
state of the Shutdown bit. The STATUS register can be
accessed via the READ commands. Register 4-1
describes each STATUS register bit.
The STATUS register is placed at Address 05h.
REGISTER 4-1:
STATUS REGISTER
R-1
R-1
R-1
R-1
R-0
R-x
R-x
R-x
R-x
D8:D5
RESV
RESV
RESV
SHDN
RESV
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 8-5
D8:D5: Reserved. Forced to “1”
bit 4-2
RESV: Reserved
bit 1
SHDN: Hardware Shutdown pin Status bit (Refer to Section 5.3 “Shutdown” for further information)
This bit indicates if the Hardware shutdown pin (SHDN) is low. A hardware shutdown disconnects the
Terminal A and forces the wiper (Terminal W) to Terminal B (see Figure 5-2). While the device is in Hard-
ware Shutdown (the SHDN pin is low) the serial interface is operational so the STATUS register may be
read.
1
= MCP4XXX is in the Hardware Shutdown state
0
= MCP4XXX is NOT in the Hardware Shutdown state
bit 0
RESV: Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com