Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP4152T-503E/MF Datasheet(PDF) 46 Page - Microchip Technology

Part # MCP4152T-503E/MF
Description  7/8-Bit Single/Dual SPI Digital POT with Volatile Memory
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4152T-503E/MF Datasheet(HTML) 46 Page - Microchip Technology

Back Button MCP4152T-503E/MF Datasheet HTML 42Page - Microchip Technology MCP4152T-503E/MF Datasheet HTML 43Page - Microchip Technology MCP4152T-503E/MF Datasheet HTML 44Page - Microchip Technology MCP4152T-503E/MF Datasheet HTML 45Page - Microchip Technology MCP4152T-503E/MF Datasheet HTML 46Page - Microchip Technology MCP4152T-503E/MF Datasheet HTML 47Page - Microchip Technology MCP4152T-503E/MF Datasheet HTML 48Page - Microchip Technology MCP4152T-503E/MF Datasheet HTML 49Page - Microchip Technology MCP4152T-503E/MF Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 88 page
background image
MCP413X/415X/423X/425X
DS22060B-page 46
© 2008 Microchip Technology Inc.
FIGURE 6-7:
8-Bit Commands (Increment, Decrement, Modify - SPI Waveform with PIC MCU
(Mode 1,1).
FIGURE 6-8:
8-Bit Commands (Increment, Decrement, Modify - SPI Waveform with PIC MCU
(Mode 0,0).
bit7
bit0
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
CS
SCK
Write to
SSPBUF
SDI
Input
Sample
SDO
VIH
VIL
AD3
AD2
AD1
AD0
C0
C1
X
X
“1” = “Valid” Command/Address
“0” = “Invalid” Command/Address
CMDERR bit
VIHH (1)
Note 1: VIHH is supported for compability with the MCP414X/6X and MCP424X/6X devices high voltage
operation.
SCK
Input
Sample
SDI
bit7
bit0
SDO
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
Write to
SSPBUF
CS
VIH
VIL
AD3
AD2
AD1
AD0
C0
C1
X
X
“1” = “Valid” Command/Address
“0” = “Invalid” Command/Address
CMDERR bit
VIHH (1)
Note 1: VIHH is supported for compability with the MCP414X/6X and MCP424X/6X devices high voltage
operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com