Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP4152T-104E/MF Datasheet(PDF) 47 Page - Microchip Technology

Part # MCP4152T-104E/MF
Description  7/8-Bit Single/Dual SPI Digital POT with Volatile Memory
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4152T-104E/MF Datasheet(HTML) 47 Page - Microchip Technology

Back Button MCP4152T-104E/MF Datasheet HTML 43Page - Microchip Technology MCP4152T-104E/MF Datasheet HTML 44Page - Microchip Technology MCP4152T-104E/MF Datasheet HTML 45Page - Microchip Technology MCP4152T-104E/MF Datasheet HTML 46Page - Microchip Technology MCP4152T-104E/MF Datasheet HTML 47Page - Microchip Technology MCP4152T-104E/MF Datasheet HTML 48Page - Microchip Technology MCP4152T-104E/MF Datasheet HTML 49Page - Microchip Technology MCP4152T-104E/MF Datasheet HTML 50Page - Microchip Technology MCP4152T-104E/MF Datasheet HTML 51Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 88 page
background image
© 2008 Microchip Technology Inc.
DS22060B-page 47
MCP413X/415X/423X/425X
7.0
DEVICE COMMANDS
The MCP4XXX’s SPI command format supports 16
memory address locations and four commands. Each
command has two modes. These are:
• Normal Serial Commands
• High-Voltage Serial Commands
Normal serial commands are those where the CS pin is
driven to VIL. High Voltage Serial Commands, CS pin is
driven to VIHH, for compatibility with systems that also
support the MCP414X/416X/424X/426X devices. High
Voltage Serial Commands operate identically to their
corresponding Normal Serial Command. In each
mode, there are four possible commands. These
commands are shown in Table 7-1.
The 8-bit commands (Increment Wiper and Decre-
ment Wiper commands) contain a Command Byte,
see Figure 7-1, while 16-bit commands (Read Data
and Write Data commands) contain a Command Byte
and a Data Byte. The Command Byte contains two data
bits, see Figure 7-1.
Table 7-2 shows the supported commands for each
memory location and the corresponding values on the
SDI and SDO pins.
Table 7-3 shows an overview of all the SPI commands
and their interaction with other device features.
7.1
Command Byte
The Command Byte has three fields, the Address, the
Command, and 2 Data bits, see Figure 7-1. Currently
only one of the data bits is defined (D8). This is for the
Write command.
The device memory is accessed when the master
sends a proper Command Byte to select the desired
operation. The memory location getting accessed is
contained in the Command Byte’s AD3:AD0 bits. The
action desired is contained in the Command Byte’s
C1:C0 bits, see Table 7-1. C1:C0 determines if the
desired memory location will be read, written,
Incremented (wiper setting +1) or Decremented (wiper
setting -1). The Increment and Decrement commands
are only valid on the volatile wiper registers.
As the Command Byte is being loaded into the device
(on the SDI pin), the device’s SDO pin is driving. The
SDO pin will output high bits for the first six bits of that
command. On the 7th bit, the SDO pin will output the
CMDERR bit state (see Section 7.3 “Error Condi-
tion”). The 8th bit state depends on the the command
selected.
TABLE 7-1:
COMMAND BIT OVERVIEW
FIGURE 7-1:
General SPI Command Formats.
C1:C0 Bit
States
Command
# of Bits
11
Read Data
16-Bits
00
Write Data
16-Bits
01
Increment
8-Bits
10
Decrement
8-Bits
A
D
3
A
D
2
A
D
1
A
D
0
C
1
C
0
D
9
D
8
Memory
Command Byte
Data
Address
Bits
Command
Bits
A
D
3
A
D
2
A
D
1
A
D
0
C
1
C
0
D
9
D
8
D
7
D
6
D
5
D
4
D
3
D
2
D
1
D
0
Memory
16-bit Command
Data
Address
Bits
Command
Bits
0 0 = Write Data
0 1 = INCR
1 0 = DECR
1 1 = Read Data
C C
1 0
Command
Bits
8-bit Command
Command Byte
Data Byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com