Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RE46C122 Datasheet(PDF) 3 Page - Microchip Technology

Part # RE46C122
Description  CMOS Ionization Smoke Detector ASIC with Interconnect and Timer Mode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RE46C122 Datasheet(HTML) 3 Page - Microchip Technology

  RE46C122 Datasheet HTML 1Page - Microchip Technology RE46C122 Datasheet HTML 2Page - Microchip Technology RE46C122 Datasheet HTML 3Page - Microchip Technology RE46C122 Datasheet HTML 4Page - Microchip Technology RE46C122 Datasheet HTML 5Page - Microchip Technology RE46C122 Datasheet HTML 6Page - Microchip Technology RE46C122 Datasheet HTML 7Page - Microchip Technology RE46C122 Datasheet HTML 8Page - Microchip Technology RE46C122 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
RE46C122
CMOS Ionization Smoke Detector ASIC with
R&E International
Interconnect and Timer Mode
A Subsidiary of Microchip Technology Inc.
Product Specification
© 2009 Microchip Technology Inc.
DS22173A-page 3
DC Electrical Characteristics – Continued
Limits
Parameter
Symbol
Test
Pin
Test Conditions
Min
Typ
Max
Units
VGOS1
14,15
Guard Amplifier
-50
50
mV
VGOS2
15,16
Guard Amplifier
-50
50
mV
Offset Voltage
VGOS3
13,15
Smoke Comparator
-50
50
mV
VCM1
14,15
Guard Amplifier, Note 2
2
VDD-.5
V
Common Mode Voltage
VCM2
13,15
Smoke Comparator, Note 2
.5
VDD-2
V
Output Impedance
ZOUT
14,16
Guard Amplifier Outputs, Note 2
10
k
Ω
Hysteresis
VHYS
13
No Alarm to Alarm Condition
90
130
170
mV
Note 1: Sample test only.
Note 2: Not 100% production tested.
Note 3: Production test at room with temperature guardbanded limits.
AC Electrical Characteristics at TA = 25°C, VDD=9V, OSCAP=.1uF, RBIAS=8.2MΩ, VSS=0V (unless
otherwise noted)
Limits
Parameter
Symbol
Test
Pin
Test Conditions
Min
Typ
Max
Units
TPER1
12
No Alarm Condition
1.34
1.67
2
S
Oscillator Period
TPER2
12
Alarm Condition
37.5
41.5
45.8
mS
Oscillator Pulse Width
TPW
5
Operating
9.4
10.5
12.9
mS
LED On Time
TLON
5
Operating
9.4
10.5
12.9
mS
TLOF1
5
Standby, No Alarm
32
40
48
S
TLOF2
5
Alarm Condition
.8
1
1.2
S
LED Off Time
TLOF3
5
Timer Mode, No Alarm
8
10
12
S
THON1
10,11
Operating, Alarm Condition, Note 4
450
500
550
mS
Horn On Time
THON2
10,11
Low Battery, No Alarm
9.4
10.5
12.9
mS
THOF1
10,11
Operating, Alarm Condition, Note 4
450
500
550
mS
THOF2
10,11
Operating, Alarm Condition, Note 4
1.35
1.5
1.65
S
Horn Off Time
THOF3
10,11
Low Battery, No Alarm
32
40
48
S
IO Charge Dump Duration
TIODMP
2
At Conclusion of Local Alarm or Test
1.34
1.67
2.0
S
IO Delay
TIODLY1
2
From Start of Local Alarm to IO Active
3
S
IO Filter
TIOFILT
2
IO pulse width guaranteed to be filtered.
IO as Input, No Local Alarm
450
mS
Remote Alarm Delay
TIODLY2
2
No Local Alarm, IO as input, From IO
active to Horn Active
.450
2.2
S
Timer Period
TTPER
4
No Alarm
8
10
12
Min
Note 4 – See timing diagram for horn temporal pattern.
All timing except for TPER and TPW are guaranteed by functional tests.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com