Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP6051T-E/ST Datasheet(PDF) 31 Page - Microchip Technology

Part # MCP6051T-E/ST
Description  30 關A, High Precision Op Amps
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6051T-E/ST Datasheet(HTML) 31 Page - Microchip Technology

Back Button MCP6051T-E/ST Datasheet HTML 26Page - Microchip Technology MCP6051T-E/ST Datasheet HTML 27Page - Microchip Technology MCP6051T-E/ST Datasheet HTML 28Page - Microchip Technology MCP6051T-E/ST Datasheet HTML 29Page - Microchip Technology MCP6051T-E/ST Datasheet HTML 30Page - Microchip Technology MCP6051T-E/ST Datasheet HTML 31Page - Microchip Technology MCP6051T-E/ST Datasheet HTML 32Page - Microchip Technology MCP6051T-E/ST Datasheet HTML 33Page - Microchip Technology MCP6051T-E/ST Datasheet HTML 34Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 31 / 34 page
background image
© 2009 Microchip Technology Inc.
DS22182A-page 31
MCP6051/2/4
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
X
/XX
Package
Temperature
Range
Device
Device:
MCP6051:
Single Op Amp
MCP6051T:
Single Op Amp (Tape and Reel)
(SOIC and 2x3 TDFN)
MCP6052:
Dual Op Amp
MCP6052T:
Dual Op Amp (Tape and Reel)
(SOIC and 2x3 TDFN)
MCP6054:
Quad Op Amp
MCP6054T:
Quad Op Amp (Tape and Reel)
(SOIC and TSSOP)
Temperature Range: E
= -40°C to +125°C
Package:
MNY * = Plastic Dual Flat, No Lead, (2x3 TDFN ) 8-lead
SL
= Plastic SOIC (150 mil Body), 14-lead
SN = Plastic SOIC, (150 mil Body), 8-lead
ST
= Plastic TSSOP (4.4mm Body), 14-lead
* Y = Nickel palladium gold manufacturing designator. Only
available on the TDFN package.
Examples:
a)
MCP6051-E/SN:
8LD SOIC package
b)
MCP6051T-E/SN:
Tape and Reel,
8LD SOIC package
c)
MCP6051-E/MNY:
8LD 2x3 TDFN package
d)
MCP6051T-E/MNY:
Tape and Reel,
8LD 2x3 TDFN package
a)
MCP6052-E/SN:
8LD SOIC package
b)
MCP6052T-E/SN:
Tape and Reel,
8LD SOIC package
c)
MCP6052-E/MNY:
8LD 2x3 TDFN package
d)
MCP6052T-E/MNY:
Tape and Reel
8LD 2x3 TDFN package
a)
MCP6054-E/SL:
14LD SOIC package
b)
MCP6054T-E/SL:
Tape and Reel,
14LD SOIC package
c)
MCP6054-E/ST:
14LD TSSOP package
d)
MCP6054T-E/ST:
Tape and Reel,
14LD TSSOP package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com