Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3901A2T-I/ML Datasheet(PDF) 43 Page - Microchip Technology

Part # MCP3901A2T-I/ML
Description  Two Channel Analog Front End
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3901A2T-I/ML Datasheet(HTML) 43 Page - Microchip Technology

Back Button MCP3901A2T-I/ML Datasheet HTML 39Page - Microchip Technology MCP3901A2T-I/ML Datasheet HTML 40Page - Microchip Technology MCP3901A2T-I/ML Datasheet HTML 41Page - Microchip Technology MCP3901A2T-I/ML Datasheet HTML 42Page - Microchip Technology MCP3901A2T-I/ML Datasheet HTML 43Page - Microchip Technology MCP3901A2T-I/ML Datasheet HTML 44Page - Microchip Technology MCP3901A2T-I/ML Datasheet HTML 45Page - Microchip Technology MCP3901A2T-I/ML Datasheet HTML 46Page - Microchip Technology MCP3901A2T-I/ML Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 60 page
background image
© 2009 Microchip Technology Inc.
DS22192A-page 43
MCP3901
7.2
Modulator Output Register
The MOD register contains the most recent modulator
data output. The default value corresponds to an
equivalent input of 0V on both ADCs. Each bit in this
register corresponds to one comparator output on one
of the channels.
This register should be used as a read-only register.
(Note 1).
This register is updated at the refresh rate of DMCLK
(typically 1 MHz with MCLK=4 MHz).
See Section 5.4 “Modulator Output Block” for more
details.
.
REGISTER 7-2:
MODULATOR OUTPUT REGISTER (MOD): ADDRESS 0X06
R/W-0
R/W-0
R/W-1
R/W-1
R/W-0
R/W-0
R/W-1
R/W-1
COMP3
_CH1
COMP2
_CH1
COMP1
_CH1
COMP0
_CH1
COMP3
_CH0
COMP2
_CH0
COMP1
_CH0
COMP0
_CH0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7:4
COMPn_CH1: Comparator Outputs from Channel 1 Modulator
bit 3:0
COMPn_CH0: Comparator Outputs from Channel 0 Modulator
Note 1:
This register can be written in order to overwrite modulator output data but any writing here will corrupt the
ADC_DATA on the next three data ready pulses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com