Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3901A3T-I/ML Datasheet(PDF) 36 Page - Microchip Technology

Part # MCP3901A3T-I/ML
Description  Two Channel Analog Front End
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3901A3T-I/ML Datasheet(HTML) 36 Page - Microchip Technology

Back Button MCP3901A3T-I/ML Datasheet HTML 32Page - Microchip Technology MCP3901A3T-I/ML Datasheet HTML 33Page - Microchip Technology MCP3901A3T-I/ML Datasheet HTML 34Page - Microchip Technology MCP3901A3T-I/ML Datasheet HTML 35Page - Microchip Technology MCP3901A3T-I/ML Datasheet HTML 36Page - Microchip Technology MCP3901A3T-I/ML Datasheet HTML 37Page - Microchip Technology MCP3901A3T-I/ML Datasheet HTML 38Page - Microchip Technology MCP3901A3T-I/ML Datasheet HTML 39Page - Microchip Technology MCP3901A3T-I/ML Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 60 page
background image
MCP3901
DS22192A-page 36
© 2009 Microchip Technology Inc.
6.7.1
CONTINUOUS WRITE
Both ADCs are powered up with their default
configurations, and begin to output DR pulses
immediately (RESET<1:0> and SHUTDOWN<1:0>
bits are off by default).
The default output codes for both ADCs are all zeros.
The default modulator output for both ADCs is 0011
(corresponding to a theoretical zero voltage at the
inputs). The default phase is zero between the two
channels.
It is recommended to enter into ADC reset mode for
both ADCs just after power-up because the desired
MCP3901 register configuration may not be the default
one and in this case, the ADC would output undesired
data. Within the ADC reset mode (RESET<1:0>=11),
the user can configure the whole part with a single com-
munication.
The
write
commands
increment
automatically the address so that the user can start
writing the PHASE register and finish with the
CONFIG2 register in only one communication (see
Figure 6-6). The RESET<1:0> bits are in the CONFIG2
register to allow to exit the soft reset mode and have
the whole part configured and ready to run in only one
command.
The following register sets are defined as groups:
The following register sets are defined as types:
6.8
Situations that Reset ADC Data
Immediately after the following actions, the ADCs are
temporarily reset in order to provide proper operation:
1.
Change in PHASE register.
2.
Change in the OSR setting.
3.
Change in the PRESCALE setting.
4.
Overwrite of same PHASE register value.
5.
Change in CLKEXT bit in the CONFIG2 register
modifying internal oscillator state.
After these temporary resets, the ADCs go back to the
normal operation with no need for an additional
command. These are also the settings where the DR
position is affected. The PHASE register can be used
to serially soft reset the ADCs without using the RESET
bits in the configuration register if the same value is
written in the PHASE register.
FIGURE 6-7:
Recommended Configuration Sequence at Power Up.
TABLE 6-1:
REGISTER GROUPS
GROUP
ADDRESSES
ADC DATA CH0
0x00 - 0x02
ADC DATA CH1
0x03 - 0x05
MOD, PHASE, GAIN
0x06 - 0x08
CONFIG, STATUS
0x09 - 0x0B
TABLE 6-2:
REGISTER TYPES
TYPE
ADDRESSES
ADC DATA
(Both Channels)
0x00 - 0x05
CONFIGURATION
0x06 - 0x0B
00011000
CS
SCK
SDI
AVDD
11XXXXXX
CONFIG2 ADDR/W
CONFIG2
Optional RESET of both ADCs
One command for writing complete configuration
PHASE ADDR/W
GAIN
STATUS/COM
CONFIG1
CONFIG2
PHASE
00001110
xxxxxxxx
xxxxxxxx
xxxxxxxx
xxxxxxxx
xxxxxxxx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com