Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3901A3-I/SS Datasheet(PDF) 14 Page - Microchip Technology

Part # MCP3901A3-I/SS
Description  Two Channel Analog Front End
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3901A3-I/SS Datasheet(HTML) 14 Page - Microchip Technology

Back Button MCP3901A3-I/SS Datasheet HTML 10Page - Microchip Technology MCP3901A3-I/SS Datasheet HTML 11Page - Microchip Technology MCP3901A3-I/SS Datasheet HTML 12Page - Microchip Technology MCP3901A3-I/SS Datasheet HTML 13Page - Microchip Technology MCP3901A3-I/SS Datasheet HTML 14Page - Microchip Technology MCP3901A3-I/SS Datasheet HTML 15Page - Microchip Technology MCP3901A3-I/SS Datasheet HTML 16Page - Microchip Technology MCP3901A3-I/SS Datasheet HTML 17Page - Microchip Technology MCP3901A3-I/SS Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 60 page
background image
MCP3901
DS22192A-page 14
© 2009 Microchip Technology Inc.
Note:
Unless otherwise indicated, AVDD = 5.0V, DVDD = 5.0 V; TA = 25°C, MCLK = 4 MHz; PRESCALE = 1; OSR
= 64; GAIN = 1; Dithering OFF; VIN = -0.5dBFS @ 60 Hz.
FIGURE 2-31:
Integral Non-Linearity
(Dithering Off).
FIGURE 2-32:
Integral Non-Linearity
(Dithering On).
FIGURE 2-33:
Operating Current vs.
Master Clock (MCLK).
-100
-80
-60
-40
-20
0
20
40
60
80
100
-0.5
-0.25
0
0.25
0.5
Input Voltage (V)
Channel 0
Channel 1
OSR = 256
Dithering OFF
SCK = 8 MHz
-50
-40
-30
-20
-10
0
10
20
30
40
50
-0.5
-0.25
0
0.25
0.5
Input Voltage (V)
Channel 0
Channel 1
OSR = 256
Dithering ON
SCK = 8 MHz
0
0.5
1
1.5
2
2.5
01
23
4
5
6
MCLK (MHz)
DIDD
AIDD BOOST OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com