Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SSM6J409TU Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # SSM6J409TU
Description  Field-Effect Transistor Silicon P-Channel MOS Type (U-MOS V)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SSM6J409TU Datasheet(HTML) 4 Page - Toshiba Semiconductor

  SSM6J409TU Datasheet HTML 1Page - Toshiba Semiconductor SSM6J409TU Datasheet HTML 2Page - Toshiba Semiconductor SSM6J409TU Datasheet HTML 3Page - Toshiba Semiconductor SSM6J409TU Datasheet HTML 4Page - Toshiba Semiconductor SSM6J409TU Datasheet HTML 5Page - Toshiba Semiconductor SSM6J409TU Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SSM6J409TU
2009-04-08
4
-
Drain current ID (A)
|Yfs| – ID
0.01
-100
-0.01
0.1
1
10
-0.1
-1
-10
50
3
0.03
0.3
Drain–source voltage VDS (V)
C – VDS
10
-0.1
-1
-10
-100
100
1000
5000
3000
300
500
30
50
Common Source
Ta
= 25 °C
f
= 1 MHz
VGS = 0 V
Ciss
Coss
Crss
Total Gate Charge Qg (nC)
Dynamic Input Characteristic
0
0
-2
10
20
-8
-6
-4
30
Common Source
ID = -9.5 A
Ta
= 25 °C
Vth – Ta
-0.8
0
−50
0
150
-0.2
-0.4
-0.6
-1.0
50
100
Common Source
VDS = -3 V
ID = -1 mA
VDD = -10 V
VDD = -16 V
Ambient temperature Ta (°C)
Drain current ID (A)
t – ID
1
-0.01
100
-0.1
1000
-1
-10
Common Source
VDD = -10 V
VGS = 0 to -2.5 V
Ta
= 25 °C
RG = 4.7 Ω
toff
tf
10
ton
tr
Drain–source voltage VDS (V)
IDR – VDS
100
0
1
10
0.01
0. 1
0.001
0.2
0.6
0.4
1.0
0.8
1.2
Common Source
VGS = 0 V
Ta
= 25 °C
G
D
S
IDR
100 °C
25 °C
−25 °C
Common Source
VDS = -3 V
Ta
= 25 °C
-0.001



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com